Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD202K Datasheet(PDF) 1 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 1 Page - Analog Devices

  AD202K Datasheet HTML 1Page - Analog Devices AD202K Datasheet HTML 2Page - Analog Devices AD202K Datasheet HTML 3Page - Analog Devices AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
a
Low Cost, Miniature
Isolation Amplifiers
AD202/AD204
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
Small Size: 4 Channels/lnch
Low Power: 35 mW (AD204)
High Accuracy:
±0.025% max Nonlinearity (K Grade)
High CMR: 130 dB (Gain = 100 V/V)
Wide Bandwidth: 5 kHz Full-Power (AD204)
High CMV Isolation:
±2000 V pk Continuous (K Grade)
(Signal and Power)
Isolated Power Outputs
Uncommitted Input Amplifier
APPLICATIONS
Multichannel Data Acquisition
Current Shunt Measurements
Motor Controls
Process Signal Isolation
High Voltage Instrumentation Amplifier
GENERAL DESCRIPTION
The AD202 and AD204 are general purpose, two-port, trans-
former-coupled isolation amplifiers that may be used in a broad
range of applications where input signals must be measured,
processed and/or transmitted without a galvanic connection.
These industry standard isolation amplifiers offer a complete
isolation function, with both signal and power isolation provided
for in a single compact plastic SIP or DIP style package. The
primary distinction between the AD202 and the AD204 is that
the AD202 is powered directly from a +15 V dc supply while
the AD204 is powered by an externally supplied clock, such as
the recommended AD246 Clock Driver.
The AD202 and AD204 provide total galvanic isolation between
the input and output stages of the isolation amplifier through
the use of internal transformer-coupling. The functionally com-
plete AD202 and AD204 eliminate the need for an external,
user-supplied dc/dc converter. This permits the designer to
minimize the necessary circuit overhead and consequently re-
duce the overall design and component costs.
The design of the AD202 and AD204 emphasizes maximum
flexibility and ease of use, including the availability of an un-
committed op amp on the input stage. They feature a bipolar
±5 V output range, an adjustable gain range offrom 1 to 100 V/V,
±0.025% max nonlinearity (K grade), 130 dB of CMR and the
AD204 consumes a low 35 mW of power.
PRODUCT HIGHLIGHTS
The AD202 and AD204 are full-featured isolators offering
numerous benefits to the user:
Small Size:
The AD202 and AD204 are available in SIP and
DIP form packages. The SIP package is just 0.25" wide, giving
the user a channel density of four channels per inch. The
isolation barrier is positioned to maximize input to output spac-
ing. For applications requiring a low profile, the DIP package
provides a height of just 0.350".
High Accuracy:
With a maximum nonlinearity of
±0.025%
for the AD202K/AD204K (
±0.05% for the AD202J/AD204J)
and low drift over temperature, the AD202 and AD204 provide
high isolation without loss of signal integrity.
Low Power:
Power consumption of 35 mW (AD204) and
75 mW (AD202) over the full signal range makes these isolators
ideal for use in applications with large channel counts or tight
power budgets.
Wide Bandwidth:
The AD204’s full-power bandwidth of
5 kHz makes it useful for wideband signals. It is also effective in
applications like control loops, where limited bandwidth could
result in instability.
Excellent Common-Mode Performance:
The AD202K/
AD204K provide
±2000 V pk continuous common-mode isola-
tion, while the AD202J/AD204J provide
±1000 V pk continuous
common-mode isolation. All models have a total common-mode
input capacitance of less than 5 pF inclusive of power isolation.
This results in CMR ranging from 130 dB at a gain of 100 dB to
104 dB (minimum at unity gain) and very low leakage current
(2
µA maximum).
Flexible Input:
An uncommitted op amp is provided at the
input of all models. This provides buffering and gain as required,
and facilitates many alternative input functions including filter-
ing, summing, high-voltage ranges, and current (transimped-
ance) input.
Isolated Power:
The AD204 can supply isolated power of
±7.5 V at 2 mA. This is sufficient to operate a low-drift input
preamp, provide excitation to a semiconductor strain gage, or to
power any of a wide range of user-supplied ancillary circuits.
The AD202 can supply
±7.5 V at 0.4 mA which is sufficient to
operate adjustment networks or low-power references and op
amps, or to provide an open-input alarm.
© Analog Devices, Inc., 1994
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
MOD
RECT &
FILTER
3
2
VSIG
1
4
SIGNAL
DEMOD
±5V
F.S.
25kHz
25kHz
POWER
OSCILLATOR
FB
IN–
IN+
IN COM
38
37
31
32 POWER
RETURN
+15V DC
VOUT
HI
LO
AD202
+7.5V
–7.5V
–VISO OUT
+VISO OUT
±5V
FS
6
5


Similar Part No. - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202K AD-AD202K Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202K AD-AD202K Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD202KN AD-AD202KN Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202KY AD-AD202KY Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
More results

Similar Description - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD202 AD-AD202_02 Datasheet
430Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com