Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4714 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N4714
Description  Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4714 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4714 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4714 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Type
Zener Voltage(1)
VZ @ lz = 50
µA (Volts)
Max Reverse
Current IR
(
µA)
Max Zener
Current
IZM
(mA)
Test Voltage
VR
(Volts)
Max Voltage Change
∆VZ
(Volts)(2)
1N4678
1.8
1.71
1.89
7.5
1.0
120
0.70
1N4679
2.0
1.90
2.10
5.0
1.0
110
0.70
1N4680
2.2
2.09
2.31
4.0
1.0
100
0.75
1N4681
2.4
2.28
2.52
2.0
1.0
95.0
0.80
1N4682
2.7
2.57
2.84
1.0
1.0
90.0
0.85
1N4683
3.0
2.85
3.15
0.8
1.0
85.0
0.90
1N4684
3.3
3.14
3.47
7.5
1.5
80.0
0.95
1N4685
3.6
3.42
3.78
7.5
2.0
75.0
0.95
1N4686
3.9
3.71
4.10
5.0
2.0
70.0
0.97
1N4687
4.3
4.09
4.52
4.0
2.0
65.0
0.99
1N4688
4.7
4.47
4.94
10.0
3.0
60.0
0.99
1N4689
5.1
4.85
5.36
10.0
3.0
55.0
0.97
1N4690
5.6
5.32
5.88
10.0
4.0
50.0
0.96
1N4691
6.2
5.89
6.51
10.0
5.0
45.0
0.95
1N4692
6.8
6.46
7.14
10.0
5.1
35.0
0.90
1N4693
7.5
7.13
7.88
10.0
5.7
31.8
0.75
1N4694
8.2
7.79
8.61
1.0
6.2
29.0
0.50
1N4695
8.7
8.27
9.14
1.0
6.6
27.4
0.10
1N4696
9.1
8.65
9.56
1.0
6.9
26.2
0.08
1N4697
10
9.50
10.5
1.0
7.6
24.8
0.10
1N4698
11
10.5
11.6
0.05
8.4
21.6
0.11
1N4699
12
11.4
12.6
0.05
9.1
20.4
0.12
1N4700
13
12.4
13.7
0.05
9.8
19.0
0.13
1N4701
14
13.3
14.7
0.05
10.6
17.5
0.14
1N4702
15
14.3
15.8
0.05
11.4
16.3
0.15
1N4703
16
15.2
16.8
0.05
12.1
15.4
0.16
1N4704
17
16.2
17.9
0.05
12.9
14.5
0.17
1N4705
18
17.1
18.9
0.05
13.6
13.2
0.18
1N4706
19
18.1
20.0
0.05
14.4
12.5
0.19
1N4707
20
19.0
21.0
0.01
15.2
11.9
0.20
1N4708
22
20.9
23.1
0.01
16.7
10.8
0.22
1N4709
24
22.8
25.2
0.01
18.2
9.9
0.24
1N4710
25
23.8
26.3
0.01
19.0
9.5
0.25
1N4711
27
25.7
28.4
0.01
20.4
8.8
0.27
1N4712
28
26.6
29.4
0.01
21.2
8.5
0.28
1N4713
30
28.5
31.5
0.01
22.8
7.9
0.30
1N4714
33
31.4
34.7
0.01
25.0
7.2
0.33
1N4715
36
34.2
37.8
0.01
27.3
6.6
0.36
1N4716
39
37.1
41.0
0.01
29.6
6.1
0.39
1N4717
43
40.9
45.2
0.01
32.6
5.5
0.43
NOTES:
(1) Tested with pulses, tp = 5ms
(2)
∆VZ is the difference between VZ at 100µA and at 10µA.
Nominal
Min
Max
(TA = 25°C, unless otherwise specified.)
1N4681-1N4717
Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N4714

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4714 VISHAY-1N4714 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Micro Commercial Compon...
1N4714 MCC-1N4714 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N4714 CDI-DIODE-1N4714 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4714 GE-1N4714 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4714 KNOX-1N4714 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4714

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com