Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD73-331 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CD73-331
Description  CD73 SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CD73-331 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CD73-331 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
3
3
7.8
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CD73 SMD POWER INDUCTOR
CD73 SMD POWER INDUCTOR
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTS
www.aitcomponents.com
7.0
SPECIFICATION
TYPE
= CD73
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1000PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES K=10%; M=20%.
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CD73-100
10 @2.52 MHz
M
0.08
1.4
CD73-120
12 @2.52 MHz
M
0.09
1.4
CD73-150
15 @2.52 MHz
M
0.1
1.2
CD73-180
18 @2.52 MHz
M
0.11
1.1
CD73-220
22 @2.52 MHz
M
0.13
1.1
CD73-270
27 @2.52 MHz
M
0.15
0.9
CD73-330
33 @2.52 MHz
M
0.17
0.9
CD73-390
39 @2.52 MHz
M
0.22
0.7
CD73-470
47 @2.52 MHz
M
0.25
0.7
CD73-560
56 @2.52 MHz
K
0.28
0.6
CD73-680
68 @2.52 MHz
K
0.33
0.6
CD73-820
82 @2.52 MHz
K
0.41
0.5
CD73-101
100 @1.0 kHz
K
0.48
0.5
CD73-121
120 @1.0 kHz
K
0.54
0.5
CD73-151
150 @1.0 kHz
K
0.76
0.4
CD73-181
180 @1.0 kHz
K
1.02
0.4
CD73-221
220 @1.0 kHz
K
1.2
0.3
CD73-271
270 @1.0 kHz
K
1.3
0.3
CD73-331
330 @1.0 kHz
K
1.5
0.3


Similar Part No. - CD73-331

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD73 SUMIDA-CD73 Datasheet
170Kb / 4P
   CD73
logo
ECM Electronics Limited...
CD73 ECM-CD73 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
List of Unclassifed Man...
CD7313GS ETC2-CD7313GS Datasheet
202Kb / 4P
   500mW audio power amplifier circuit
CD7343CS ETC1-CD7343CS Datasheet
159Kb / 5P
   FM STEREO MULTIPLEX DECODER
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
More results

Similar Description - CD73-331

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD73 SUMIDA-CD73 Datasheet
170Kb / 4P
   CD73
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com