Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT56M Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BYT56M
Description  High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BYT56M Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BYT56M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYT56M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE( )
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
FIG.4 -- TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5--TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 --TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SETTIMEBASEFOR20/30 ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1MΩ.22pF
2.RISETIME=10ns MAX.source IMPEDANCE=50Ω.
FIG.2 -- TYPICAL JUNCTION CAPACTTANCE
FIG.3 --PEAK FORWARD SURGE CURRENT
10
.1
1
.4
.2
1 .0
2
4
20
40
100
B Y T 56J - B Y T 56M
200
10
100
T J =25
70
50
B Y T 56A - B Y T 56G
0.4
0.01
0.1
0.6
1.6
1.2
1.4
1.8
1
10
100
TJ=25
Pulse Width=300 s
0
4
6
2
3
5
25
50
75
10 0
12 5
15 0 17 5
S ig le ph ase ha lf
wa v e 6 0 Hz
R e s is tive or
Indu ctiv e lo a d
0
150
200
100
1000
1
10
T J=25
8.3 m s S ingle half sine w ave
50
100
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1c m
BYT56A-BYT56M
High Efficiency Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BYT56M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT56M VISHAY-BYT56M Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT56M BILIN-BYT56M Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
Vishay Siliconix
BYT56M VISHAY-BYT56M Datasheet
124Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 13-Apr-05
logo
Gulf Semiconductor
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
logo
EIC discrete Semiconduc...
BYT56M EIC-BYT56M Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BYT56M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com