Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV28-600 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BYV28-600
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BYV28-600 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BYV28-600 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYV28-600 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENTTEMPERATURE,
FIG.5-- PEAKFORWORDSURGECURRENT
REVERSE VOLTAGE, VOLTS
NUMBEROF CYCLES AT60HZ
FIG.1 -- TEST CIRCUIT DIAGRAMANDREVERSERECOVERYTIMECHARACTERISTIC
INSTANTANEOUS FORWARDVOLTAGE, VOLTS
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
SETTIMEBASEFOR10 ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1M . 22pF.
JJJJ2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
FIG.2 -- TYPICAL FORWARDCHARACTERISTIC
FIG.3 -- FORWARDDERATINGCURVE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
0.6
0.1
0.2
0.8
1.0
0.4
1.0
2.0
4.0
40
20
100
10
1.2
1.4
1.6
1.8
2.0
B YV 28-5 0 - B Y V28 -200
TJ=25
P ulse W idth=300 µs
BYV28-600
BYV28-300 - BYV28-400
TJ=25
f=1.0MHz
10
20
40
100
200
400
1000
0.1 0.2 0.4
1
2
4
10
40
100
20
1.0
2.0
0
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
250
3.0
4.0
3.5
1.5
2.5
50
100
150
200
BYV28-600
BYV28-50 - BYV28-400
8.3msSingleHalf
Sine-Wave
1
2
5
10
20
50
100
50
60
70
80
90
40
100
BYV28-50--BYV28-600
Super Fast Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BYV28-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28-600 PHILIPS-BYV28-600 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28-600 VISHAY-BYV28-600 Datasheet
350Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
logo
Digitron Semiconductors
BYV28-600 DIGITRON-BYV28-600 Datasheet
96Kb / 3P
   ULTRA FAST SILICON RECTIFIERS
logo
SUNMATE electronic Co.,...
BYV28-600 SUNMATE-BYV28-600 Datasheet
578Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYV28-600 DSK-BYV28-600 Datasheet
281Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - BYV28-600

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com