Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C4V7 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZX85C4V7
Description  1.3 Watts Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZX85C4V7 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZX85C4V7 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX85C4V7 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX85C4V7 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX85C4V7 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX85C4V7 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Admissible
Zener
Device
Current
f
ZT
I
ZT
f
ZT
IZK
(Note 2)
(Note 3)
(Note 3)
IR
VR
IZ
Min
Max
Ohm
mA
Ohms
mA
Min
Max
uA
V
mA
BZX85C62
58
66
<125
4.0
<2000
0.25
0.06
0.095
<0.5
47
16
BZX85C68
64
72
<130
4.0
<2000
0.25
0.055
0.095
<0.5
51
15
BZX85C75
70
80
<135
4.0
<2000
0.25
0.055
0.095
<0.5
56
14
BZX85C82
77
87
<200
2.7
<3000
0.25
0.055
0.095
<0.5
62
12
BZX85C91
85
96
<250
2.7
<3000
0.25
0.055
0.095
<0.5
68
10
BZX85C100
96
106
<350
2.7
<3000
0.25
0.055
0.095
<0.5
75
9.4
BZX85C110
104
116
<450
2.7
<4000
0.25
0.055
0.095
<0.5
82
8.6
BZX85C120
114
127
<550
2.0
<4500
0.25
0.055
0.095
<0.5
91
7.8
BZX85C130
124
141
<700
2.0
<5000
0.25
0.055
0.095
<0.5
100
7.0
BZX85C150
138
156
<1000
2.0
<6000
0.25
0.055
0.095
<0.5
110
6.4
BZX85C160
153
171
<1100
1.5
<6500
0.25
0.055
0.095
<0.5
120
5.8
BZX85C180
168
191
<1200
1.5
<7000
0.25
0.055
0.095
<0.5
130
5.2
BZX85C200
188
212
<1500
1.5
<8000
0.25
0.055
0.095
<0.5
150
4.7
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
Zener Voltage
Dynamic Resistance
Temperature
Range (Note 1)
Coefficient of
V
% /
OC
Reverse Leakage
Zener Voltage
Current
Vz @ Izt
VZ @ IZ= IZT
BZX85C SERIES
1.3 Watts Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZX85C4V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C4V7 VISHAY-BZX85C4V7 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C4V7 TSC-BZX85C4V7 Datasheet
544Kb / 4P
   1.3 Watts Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C4V7 NJSEMI-BZX85C4V7 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C4V7 FAIRCHILD-BZX85C4V7 Datasheet
49Kb / 3P
   Zeners
logo
Rectron Semiconductor
BZX85C4V7 RECTRON-BZX85C4V7 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
More results

Similar Description - BZX85C4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3 Datasheet
544Kb / 4P
   1.3 Watts Zener Diode
logo
SUNMATE electronic Co.,...
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
logo
Micro Commercial Compon...
BZX85C MCC-BZX85C Datasheet
230Kb / 3P
   1.3 Watt Zener Diode 2.7 to 75 Volts
DL85C75 MCC-DL85C75 Datasheet
185Kb / 3P
   1.3 Watt Zener Diode 2.7 to 75 Volts
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com