Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP50F Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # EGP50F
Description  High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

EGP50F Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  EGP50F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd EGP50F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Diffused junction
Low leakage
Low forward voltage
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
EGP
50C
EGP
50D
UNITS
Maximum recurrent peak reverse voltage
VRRM
150
200
V
Maximum RMS voltage
VRMS
105
140
V
Maximum DC blocking voltage
VDC
150
200
V
Maximum average forw ard rectified current
9.5mm lead length
@T
L=55
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 5.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Case:JEDEC DO--27,molded plastic
Easily cleaned with alcohol,Isopropanol
and similar solvents
High current capability
The plastic material carries U/L recognition 94V-0
EGP
50B
A
IF(AV)
5.0
300
DO - 27
VOLTAGE RANGE: 50 --- 400 V
CURRENT: 5.0 A
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
EGP
50G
EGP
50F
300
210
EGP
50A
- 55 ---- + 150
A
3.Thermal resistance f rom junction to ambient.
IFSM
IR
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse uoltage of 4.0V DC.
A
- 55 ---- + 150
5.0
150
400
280
400
50
100
100
70
50
75
95
1.25
0.95
5.0
50
Dimensions in millimeters
EGP50A-EGP50G
High Efficiency Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - EGP50F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGP50F GE-EGP50F Datasheet
59Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
List of Unclassifed Man...
EGP50F ETC-EGP50F Datasheet
39Kb / 2P
   5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Vishay Siliconix
EGP50F VISHAY-EGP50F Datasheet
106Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP50F VISHAY-EGP50F Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
SUNMATE electronic Co.,...
EGP50F SUNMATE-EGP50F Datasheet
208Kb / 2P
   5.0A Axial Leaded Ultrafast Recovery Rectifier
More results

Similar Description - EGP50F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com