Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24192 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192
Description  I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 4Page - Texas Instruments BQ24192 Datasheet HTML 5Page - Texas Instruments BQ24192 Datasheet HTML 6Page - Texas Instruments BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments BQ24192 Datasheet HTML 10Page - Texas Instruments BQ24192 Datasheet HTML 11Page - Texas Instruments BQ24192 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
bq24190, bq24192
bq24192I, bq24193
SLUSAW5A – JANUARY 2012 – REVISED OCTOBER 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
TS1
11
I
Temperature qualification voltage input #1. Connect a negative temperature coefficient thermistor. Program temperature
window with a resistor divider from REGN to TS1 to GND. Charge suspends when either TS pin is out of range.
Analog
Recommend 103AT-2 thermistor. TS1 and TS2 pins have to be shorted together in bq24193.
TS2
12
I
Temperature qualification voltage input #2. Connect a negative temperature coefficient thermistor. Program temperature
window with a resistor divider from REGN to TS2 to GND. Charge suspends when either TS pin is out of range.
Analog
Recommend 103AT-2 thermistor. TS1 and TS2 pins have to be connected together in bq24193.
BAT
13,14
P
Battery connection point to the positive terminal of the battery pack. The internal BATFET is connected between BAT and
SYS. Connect a 10uF closely to the BAT pin.
SYS
15,16
P
System connection point. The internal BATFET is connected between BAT and SYS. When the battery falls below the
minimum system voltage, switch-mode converter keeps SYS above the minimum system voltage. (Refer to Application
Information Section for inductor and capacitor selection)
PGND
17,18
P
Power ground connection for high-current power converter node. Internally, PGND is connected to the source of the n-
channel LSFET. On PCB layout, connect directly to ground connection of input and output capacitors of the charger. A
single point connection is recommended between power PGND and the analog GND near the IC PGND pin.
SW
19,20
O
Switching node connecting to output inductor. Internally SW is connected to the source of the n-channel HSFET and the
drain of the n-channel LSFET. Connect the 0.047µF bootstrap capacitor from SW to BTST.
Analog
BTST
21
P
PWM high side driver positive supply. Internally, the BTST is connected to the anode of the boost-strap diode. Connect
the 0.047µF bootstrap capacitor from SW to BTST.
REGN
22
P
PWM low side driver positive supply output. Internally, REGN is connected to the cathode of the boost-strap diode. For
VBUS above 6V, connect 1-µF ceramic capacitor from REGN to analog GND. For VBUS below 6V, connect a 4.7-
μF
(10V rating) ceramic capacitor from REGN to analog GND. The capacitor should be placed close to the IC. REGN also
serves as bias rail of TS1 and TS2 pins.
PMID
23
O
Connected to the drain of the reverse blocking MOSFET and the drain of HSFET. Given the total input capacitance,
connect a 1-µF capacitor on VBUS to PGND, and the rest all on PMID to PGND. (Refer to Application Information Section
Analog
for details)
PowerPAD
P
Exposed pad beneath the IC for heat dissipation. Always solder PowerPAD™ to the board, and have vias on the Power
Pad plane star-connecting to PGND and ground plane for high-current power converter.
ABSOLUTE MAXIMUM RATINGS
VALUE
VBUS
–2 V – 20 V
PMID, STAT, PG
–0.3 V –20 V
BTST
–0.3 V – 26 V
SW
–2 V – 20 V
Voltage range (with respect to GND)
BAT, SYS (converter not switching)
–0.3 V – 6 V
SDA, SCL, INT, OTG, ILIM, REGN, TS1, TS2, CE, PSEL, D+, D–
–0.3 V – 7 V
BTST TO SW
–0.3 V – 7 V
PGND to GND
–0.3 V – 0.3 V
Output sink current
INT, STAT, PG
6mA
Junction temperature
–40°C to 150°C
Storage temperature
–65°C to 150°C
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage
3.9
17(1)
V
IIN
Input current
3
A
ISYS
Output current (SYS)
4.5
A
VBAT
Battery voltage
4.4
V
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BTST or SW pins. A tight
layout minimizes switching noise.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I bq24193


Similar Part No. - BQ24192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI1-BQ24192I Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24192IRGER TI1-BQ24192IRGER Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGET TI-BQ24192IRGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
   I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
logo
Texas Instruments
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
   4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com