Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4121 Datasheet(PDF) 7 Page - Analog Devices

Part # ZSPM4121
Description  Under-Voltage Load Switch for Smart Battery Management
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ZSPM4121 Datasheet(HTML) 7 Page - Analog Devices

Back Button ZSPM4121 Datasheet HTML 3Page - Analog Devices ZSPM4121 Datasheet HTML 4Page - Analog Devices ZSPM4121 Datasheet HTML 5Page - Analog Devices ZSPM4121 Datasheet HTML 6Page - Analog Devices ZSPM4121 Datasheet HTML 7Page - Analog Devices ZSPM4121 Datasheet HTML 8Page - Analog Devices ZSPM4121 Datasheet HTML 9Page - Analog Devices ZSPM4121 Datasheet HTML 10Page - Analog Devices ZSPM4121 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZSPM4121
Under-Voltage Load Switch for Smart Battery Management
Data Sheet
April 30, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 17
1.4.
Electrical Characteristics
Electrical characteristics for VCC = 1.2V to 5.5 (unless otherwise noted). Minimum and maximum characteristics
are tested at TJ = 25°C.
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Supply
Input Supply Voltage at
VCC pin
VCC
1.2
5.5
V
Quiescent Current:
On Mode
Iq-ON
VCC = 5V, no load
70
150
nA
Quiescent Current:
Off Mode
Iq-OFF
VCC < VTHRESH, no load
100
pA
Load Switch
Over-Current Shutdown
IOC
VCC = 5.0V
3
A
Over-Current Retry Period
tOC
VCC = 5.0V
1.7
ms
Output Switch Leakage
Current
ILEAK-SW
VCC < VTHRESH; VOUT grounded
100
pA
Switch ON-Resistance
Rds-on
VCC = 5.0V
175
m
VCC = 3.3V
200
m
VCC = 1.8V
350
m
Transition Times
Transition Delay:
On Mode to Off Mode
td1
VOFF = 2.0V, VCC = 3.0V  1.5V
650
s
Transition Delay:
Off Mode to On Mode
td2
VOFF = 2.0V, VCC = 1.5V  3.0V
1.7
ms
Output Turn-on Rise Time
tON
VCC = 2.5V, RLOAD = 50
200
µs
NPG Output
Output Leakage
ILEAK-NPG
VCC = 5.0V, VNPG = 5.5V
100
nA
Low-Level Output Voltage
VOL-NPG
INPG = 5 mA
0.4
V
Off Thresholds
Off Threshold
VOFF
VTHRESH = customer-selected
threshold voltage in the range of
1.2V to 4.2V with 100mV steps
between options programmed at
manufacturing
0.95
VTHRESH
VTHRESH
1.05
VTHRESH
V
Off Mode to On Mode
Hysteresis
VHys
Rising Transition:
Off Mode to On Mode
500
mV


Similar Part No. - ZSPM4121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
ZSPM4121AI1W17 RENESAS-ZSPM4121AI1W17 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
ZSPM4121AI1W21 RENESAS-ZSPM4121AI1W21 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
ZSPM4121AI1W23 RENESAS-ZSPM4121AI1W23 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
ZSPM4121AI1W24 RENESAS-ZSPM4121AI1W24 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
More results

Similar Description - ZSPM4121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Richtek Technology Corp...
RT9750 RICHTEK-RT9750 Datasheet
332Kb / 30P
   6-A Smart Load Switch Battery Charger
logo
Silicon Standard Corp.
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
   Smart Battery Power Management
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com