Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6180C Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems MAS6180C Datasheet HTML 10Page - Micro Analog systems MAS6180C Datasheet HTML 11Page - Micro Analog systems MAS6180C Datasheet HTML 12Page - Micro Analog systems MAS6180C Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 (13)
DA6180C.000
26 November, 2010
PIN CONFIGURATION & TOP MARKING FOR PLASTIC TSSOP-16 PACKAGE
QOP
VDD
QOM
QI
AGC
OUT
VSS
RFIM
RFIP
PDN
AON
DEC
Top Marking Definitions:
zz = Version
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
VDD
1
P
Positive Power Supply
QOP
2
AO
Positive Quartz Filter Output
QOM
3
AO
Negative Quartz Filter Output
1
4
NC
2
QI
5
AI
Quartz Filter Input for Crystal
AGC
6
AO
AGC Capacitor
7
NC
OUT
8
DO
Receiver Output
3
DEC
9
AO
Demodulator Capacitor
AON
10
DI
AGC On Control
4
PDN
11
DI
Power Down Input
5
12
NC
RFIP
13
AI
Positive Receiver Input
6
14
NC
RFIM
15
AI
Negative Receiver Input
6
VSS
16
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) QOM pin is electrically unconnected in MAS6180C1 version
2) Pin 4 between QOM and QI must be connected to VSS to eliminate TSSOP package lead frame parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) type pins are also
recommended to be connected to VSS to minimize noise coupling.
3) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
4) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
5) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
6) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD


Similar Part No. - MAS6180C

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6180C MAS-MAS6180C Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C1TC00 MAS-MAS6180C1TC00 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C1UC06 MAS-MAS6180C1UC06 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
More results

Similar Description - MAS6180C

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com