Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6180C Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6180C
Description  AM Receiver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180C Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6180C Datasheet HTML 5Page - Micro Analog systems MAS6180C Datasheet HTML 6Page - Micro Analog systems MAS6180C Datasheet HTML 7Page - Micro Analog systems MAS6180C Datasheet HTML 8Page - Micro Analog systems MAS6180C Datasheet HTML 9Page - Micro Analog systems MAS6180C Datasheet HTML 10Page - Micro Analog systems MAS6180C Datasheet HTML 11Page - Micro Analog systems MAS6180C Datasheet HTML 12Page - Micro Analog systems MAS6180C Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 (13)
DA6180C.000
26 November, 2010
SOLDERING INFORMATION
N For Pb-Free, RoHS Compliant TSSOP-16
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4 µm, material Matte Tin
EMBOSSED TAPE SPECIFICATIONS
Dimension
Min
Max
Unit
A0
6.50
6.70
mm
B0
5.20
5.40
mm
D0
1.50 +0.10 / -0.00
mm
D1
1.50
mm
E1
1.65
1.85
mm
F1
7.20
7.30
mm
K0
1.20
1.40
mm
P
11.90
12.10
mm
P0
4.0
mm
P2
1.95
2.05
mm
S1
0.6
mm
T
0.25
0.35
mm
W
11.70
12.30
mm
P
0
P
P
2
A
0
D
1
D
0
A
A
Section A - A
E
1
F
1
W
Tape Feed Direction
B
0
T
K
0
S
1
Tape Feed Direction
Pin 1 Designator


Similar Part No. - MAS6180C

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6180C MAS-MAS6180C Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C1TC00 MAS-MAS6180C1TC00 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C1UC06 MAS-MAS6180C1UC06 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
More results

Similar Description - MAS6180C

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com