Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER301G Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER301G
Description  3.0 AMP. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HER301G Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HER301G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER301G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HER301G THRU HER308G)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
1000
50
100
150
125
200
100
50
0
250
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL REVERSE CHARACTERISTICS
140
20
40
60
80
100
120
0.1
0.01
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
FORWARD VOLTAGE. (V)
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
25
0
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HER301G~HER305G
HER306G~HER308G
800
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
100
150
175
125
75
0
1.0
3.0
4.0
6.0
5.0
2.0
CASE TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
HER301G-HER304G
HER305G
HER306G-HER308G
HER301G-HER308G
3.0 AMP. Glass Passivated High Efficient Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - HER301G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER301G YANGJIE-HER301G Datasheet
210Kb / 2P
   High Efficient Rectifier
logo
Jinan Gude Electronic D...
HER301G JGD-HER301G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G Datasheet
338Kb / 2P
   3.0Amp Glass Passivated High Efficiency Rectifiers
logo
Nanjing International G...
HER301G DGNJDZ-HER301G Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Guangdong Juxing Electr...
HER301G JUXING-HER301G Datasheet
547Kb / 2P
   Ultra Fast Rectifiers
More results

Similar Description - HER301G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER301G TSC-HER301G_1 Datasheet
271Kb / 2P
   3.0 AMPS. Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_10 Datasheet
594Kb / 2P
   3.0 AMPS. Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G Datasheet
69Kb / 2P
   3.0 AMPS. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER501G TSC-HER501G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com