Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH105R-390 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CDRH105R-390
Description  CDRH105R SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CDRH105R-390 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CDRH105R-390 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.3
1.7
1.7
10.40
10.30
SPECIFICATION
TYPE
= CDRH105R
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL / SILVER
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 750PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES L=15%; M=20%; N=30%
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
00
POWER INDUCTOR
CDRH105R SMD POWER INDUCTOR
CDRH105R SMD
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
Part
L
Tol R
DC
I
DC
(
H)
%
MAX
I
N
(m
)(A)
CDRH105R-100
10 @ 100kHz
N
25.8
3.5
CDRH105R-120
12 @ 100kHz
N
32
3.4
CDRH105R-150
15 @ 100kHz
N
40
2.8
CDRH105R-180
18 @ 100kHz
N
46
2.6
CDRH105R-220
22 @ 100kHz
N
58.5
2.4
CDRH105R-270
27 @ 100kHz
N
65.4
2.2
CDRH105R-330
33 @ 100kHz
N
81.4
1.9
CDRH105R-390
39 @ 100kHz
N
103.1
1.7
CDRH105R-470
47 @ 100kHz
N
122.1
1.6
CDRH105R-560
56 @ 100kHz
N
144.8
1.4
CDRH105R-680
68 @ 100kHz
N
193
1.4
CDRH105R-820
82 @ 100kHz
N
219.4
1.2
CDRH105R-101
100 @ 100kHz
N
247
1.1
CDRH105R-121
120 @ 100kHz
N
298.4
1
CDRH105R-151
150 @ 100kHz
N
355.1
0.9
CDRH105R-181
180 @ 100kHz
N
393.4
0.8
CDRH105R-221
220 @ 100kHz
N
483.8
0.8
CDRH105R-271
270 @ 100kHz
N
632.5
0.7
CDRH105R-331
330 @ 100kHz
N
780
0.6
CDRH105R-391
390 @ 100kHz
N
957.5
0.6
CDRH105R-471
470 @ 100kHz
N
1220
0.5
CDRH105R-561
560 @ 100kHz
N
1352
0.5
CDRH105R-681
680 @ 100kHz
N
1519
0.4
CDRH105R-821
820 @ 100kHz
N
1694
0.4
CDRH105R-102 1000 @ 100kHz
N
1946
0.4


Similar Part No. - CDRH105R-390

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH105R-390 ECM-CDRH105R-390 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH105R-390

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com