Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR130 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR130
Description  Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR130 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MUR130 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR130 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR130 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
1.0
75
1.25
1.5
25
100
125 150
175
0
0.75
0.5
0.25
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL JUNCTION CAPACITANCE
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- FORWARD DRATING CURVE
REVERSE VOLTAGE,VOLTS
TJ=25
f=1.0MHz
1
2
4
6
10
20
40
60
100
0.1 0.2 0.4
1
2
4
10
40
100
20
MUR120-MUR190
Super Fast Rectifiers
Ratings AND Charactieristic Curves
0
0.001
0.01
0.1
1.0
10
TJ=25
Pulse Width=300µS
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - MUR130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR130 JGD-MUR130 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR130 LUGUANG-MUR130 Datasheet
1,017Kb / 3P
   Super Fast Rectifiers
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
logo
SUNMATE electronic Co.,...
MUR130 SUNMATE-MUR130 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
68Kb / 7P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
More results

Similar Description - MUR130

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com