Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH103R-101 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CDRH103R-101
Description  CDRH103R SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CDRH103R-101 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CDRH103R-101 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.3
1.7
1.7
SPECIFICATION
TYPE
= CDRH103R
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL / SILVER
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1000PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES L=15%; M=20%; N=30%
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
00
POWER INDUCTOR
CDRH103R SMD POWER INDUCTOR
CDRH103R SMD
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
10.40
10.30
Part
L
Tol R
DC
I
DC
(
H)
%
MAX
I
N
(m
)(A)
CDRH103R-100
10 @ 100kHz
N
58.1
2.7
CDRH103R-120
12 @ 100kHz
N
72.1
2.3
CDRH103R-150
15 @ 100kHz
N
86.5
2.2
CDRH103R-180
18 @ 100kHz
N
116.1
1.9
CDRH103R-220
22 @ 100kHz
N
145.4
1.8
CDRH103R-270
27 @ 100kHz
N
175.9
1.6
CDRH103R-330
33 @ 100kHz
N
213.4
1.2
CDRH103R-390
39 @ 100kHz
N
268.9
1.3
CDRH103R-470
47 @ 100kHz
N
298.6
1.2
CDRH103R-560
56 @ 100kHz
N
335.8
1.1
CDRH103R-680
68 @ 100kHz
N
451.3
1
CDRH103R-820
82 @ 100kHz
N
513.8
0.9
CDRH103R-101
100 @ 100kHz
N
700
0.8
CDRH103R-121
120 @ 100kHz
N
765
0.8
CDRH103R-151
150 @ 100kHz
N
876.3
0.7


Similar Part No. - CDRH103R-101

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH103R-101 ECM-CDRH103R-101 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH103R-101

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH103RNP-100NC-B SUMIDA-CDRH103RNP-100NC-B Datasheet
195Kb / 4P
   SMD Power Inductor CDRH103R
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com