Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR420 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR420
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR420 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MUR420 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR420 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cos t
Low leakage
Low forward voltage drop
High current capability
Cas e:JEDEC DO--27,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces ,1.15 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
MUR
410
MUR
415
MUR
420
MUR
430
MUR
440
MUR
450
MUR
460
UNITS
Maximum recurrent peak reverse voltage
VRRM
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
100
150
200
300
400
500
600
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 4.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Therm al resistance f rom junction to am bient.
The plas tic m aterial carries U/L recognition 94V-0
NOTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
A
125.0
IR
IFSM
100.0
A
10.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A
VOLT AGE RANGE: 50 --- 600 V
CURRENT : 4.0 A
DO - 27
Eas ily cleaned with alcohol,Is opropanol
and s im ilar s olvents
IF(AV)
4.0
MUR
405
- 55 ----- + 150
0.89
35
50
25
1.28
20
50
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
50
- 55 ----- + 150
95
Dimensions in millimeters
MUR405-MUR460
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MUR420

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MUR420 SUNMATE-MUR420 Datasheet
195Kb / 2P
   4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes
logo
Motorola, Inc
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
DIYI Electronic Technol...
MUR420 DYELEC-MUR420 Datasheet
1Mb / 2P
   4.0 A Ultrafast Glass Passivated Rectifiers
logo
Rectron Semiconductor
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
logo
Shenzhen Yixinwei Techn...
MUR420 YIXIN-MUR420 Datasheet
240Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - MUR420

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com