Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG4YC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RG4YC
Description  High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RG4YC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RG4YC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RG4YC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIMEBASEFOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.4 -- PEAK FORWARD SURGE CURRENT
FIG.5--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
t rr
- 1 .0 A
- 0 .2 5 A
0
+0.5A
1cm
0
1
3
2
5
025
50
75
100
125
150
4
RG4Y
RG4Z,RG4
RG4A,RG4C
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
15
1 0
0
50
10 0
40
60
20
80
RG 4 Y
RG 4 Z ,R G 4
RG 4 A
RG 4 C
8.3m s S ingle H a lf
S in e -W a v e
     TJ=25
10
20
50
100
200
0.1 0.2 0.4
1
2
4
10
40
100
20
RG4A,RG4C
RG4Y,RG4Z,RG4
70
0
0.01
0.1
1.0
10
T J =25
Pu lse W idth =300
µS
0.4
0.8
1.2 1.6
2.0 2.4
2.8
3.2
3.6 4
RG 4Y
E G 01Z
RG 4C
RG 4
RG 4A
RG4Y-RG4C
High Efficiency Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - RG4YC

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG4Y SANKEN-RG4Y Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RG4Y ETC1-RG4Y Datasheet
55Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RG4Y BILIN-RG4Y Datasheet
56Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
RG4Y DSK-RG4Y Datasheet
272Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
RG4YZ BILIN-RG4YZ Datasheet
56Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RG4YC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com