Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4Z Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RN4Z
Description  High Efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RN4Z Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RN4Z Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RN4Z Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO--27,molded plastic
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.5 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Thermal resistance f rom junction to ambient.
A
IR
- 55 ---- + 150
- 55 ---- + 150
V
0.92
50
A
VOLTAGE RANGE: 200 V
CURRENT:
3.5 A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
30
1000.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
IFSM
120.0
200
RN4Z
50.0
IF(AV)
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
70
A
DO - 27
Easily cleaned with alcohol,Isopropanol
and similar solvents
3.5
The plastic material carries U/L recognition 94V-0
140
200
Dimensions in millimeters
RN4Z
High Efficiency Rectifier
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - RN4Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RN4Z SANKEN-RN4Z Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RN4Z SANKEN-RN4Z Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RN4Z BILIN-RN4Z Datasheet
66Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Taychipst Elec...
RN4Z TAYCHIPST-RN4Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Diode Semiconductor Kor...
RN4Z DSK-RN4Z Datasheet
281Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RN4Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com