Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR1DF Datasheet(PDF) 2 Page - Dc Components

Part # BR1DF
Description  TECHNICAL SPECIFICATIONS OF FAST RECOVERY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BR1DF Datasheet(HTML) 2 Page - Dc Components

  BR1DF Datasheet HTML 1Page - Dc Components BR1DF Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (BR05DF THRU BR05JF)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
80
0.01
10
100
1.0
60
20
40
FIG. 1 - DERATING CURVE FOR OUTPUT
CURRENT
AMBIENT TEMPERATURE, (oC)
.01
100
120
140
0
0.2
0.4
0.8
0.6
30
60
90
120
0
150
10
1.0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
15
10
100
0
10
20
25
30
35
8.3ms Single Half Sine-Wave
JEDEC Method
0.01
1.0
.6
.8
10
.2
.4
1.0
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.2
0.1
Pulse Width = 300
µS
1% Duty Cycle
TJ = 25OC
TJ= 25oC
TJ= 75oC
TJ= 125oC


Similar Part No. - BR1DF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
BR1 SEI-BR1 Datasheet
331Kb / 5P
   Bare Element Current Sensing Resistor
10/8/2021
logo
BusBoard Prototype Syst...
BR1 BUSBOARD-BR1 Datasheet
752Kb / 1P
   Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
logo
Richco, Inc.
BR1-226-01 RICHCO-BR1-226-01 Datasheet
47Kb / 1P
   BARBED RIVET
BR1-344-01 RICHCO-BR1-344-01 Datasheet
47Kb / 1P
   BARBED RIVET
BR1-488-01 RICHCO-BR1-488-01 Datasheet
47Kb / 1P
   BARBED RIVET
More results

Similar Description - BR1DF

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR05DF DCCOM-BR05DF Datasheet
42Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
BK22F DCCOM-BK22F Datasheet
43Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
BK12F DCCOM-BK12F Datasheet
43Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
DB101S DCCOM-DB101S Datasheet
424Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
SM4933 DCCOM-SM4933 Datasheet
474Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A DCCOM-FR1A Datasheet
528Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1A DCCOM-RS1A Datasheet
480Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FSM101 DCCOM-FSM101 Datasheet
488Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FR2A DCCOM-FR2A Datasheet
534Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com