Electronic Components Datasheet Search |
|
744775215 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744775215 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification: A 7,14 ± 0,1 mm B 12,0 ± 1,0 mm + 0,1 - 0,0 + 0,1 - 0,0 E 4,00 ± 0,1 mm F 2,00 ± 0,1 mm G 1,75 ± 0,1 mm H 7,50 ± 0,1 mm I 8,00 ± 0,1 mm J 5,00 ± 0,1 mm T 0,35 ± 0,05 mm W 16,0 ± 0,3 mm a 330,0 ± 0,5 mm b 20,20 ± 0,1 mm + 0,5 - 1,0 d 100,0 ± 1,0 mm MST 04-10-11 Name Datum / date Änderung / modification Version 1 C mm 13,00 c Spezifikation für Freigabe / specification for release Kunde / customer : Artikelnummer / part number : 744775215 SPEICHERDROSSEL WE-PD2 POWER-CHOKE WE-PD2 DATUM / DATE : 2004-10-11 Gurtspezifikation / Tape specification: Rollenspezifikation / Reel specification: Freigabe erteilt / general release: Kunde / customer mm 1,50 D mm 1,50 .............................................................................. ................................................................................ Datum / date Unterschrift / signature http://www.we-online.com Würth Elektronik .............................................................................. ................................................................................ Würth Elektronik eiSos GmbH & Co.KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked Kontrolliert / approved J I T øD W H G C B A EF Ø c a d b The force for tearing off cover tape is 20 to 70 grams in arrow direction 150° feeding direction This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage RoHS compliant LF SEITE 3 VON 3 |
Similar Part No. - 744775215 |
|
Similar Description - 744775215 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |