Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15011 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJ15011
Description  10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15011 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ15011 Datasheet HTML 1Page - Motorola, Inc MJ15011 Datasheet HTML 2Page - Motorola, Inc MJ15011 Datasheet HTML 3Page - Motorola, Inc MJ15011 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Advance Information
Complementary Silicon Power
Transistors
The MJ15011 and MJ15012 are PowerBase power transistors designed for
high–power audio, disk head positioners, and other linear applications. These devices
can also be used in power switching circuits such as relay or solenoid drivers,
dc–to–dc converters or inverters.
• High Safe Operating Area (100% Tested)
1.2 A @ 100 V
• Completely Characterized for Linear Operation
• High DC Current Gain and Low Saturation Voltage
hFE = 20 (Min) @ 2 A, 2 V
VCE(sat) = 2.5 V (Max) @ IC = 4 A, IB = 0.4 A
• For Low Distortion Complementary Designs
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
250
Vdc
Collector–Emitter Voltage
VCEX
250
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
10
15
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
2
5
Adc
Emitter Current — Continuous
— Peak (1)
IE
IEM
12
20
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
200
1.14
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.875
_C/W
Maximum Lead Temperature for Soldering Purposes
TL
265
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ15011/D
© Motorola, Inc. 1995
MJ15011
MJ15012
10 AMPERE
COMPLEMENTARY
POWER TRANSISTORS
250 VOLTS
200 WATTS
NPN
PNP
CASE 1–07
TO–204AA
(TO–3)
*
*
*Motorola Preferred Device


Similar Part No. - MJ15011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15011 ONSEMI-MJ15011 Datasheet
61Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
logo
Inchange Semiconductor ...
MJ15011 ISC-MJ15011 Datasheet
78Kb / 2P
   Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJ15011 NJSEMI-MJ15011 Datasheet
111Kb / 3P
   Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ15011G ONSEMI-MJ15011G Datasheet
61Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
More results

Similar Description - MJ15011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com