Electronic Components Datasheet Search |
|
ACE306X230XXX+ Datasheet(PDF) 7 Page - ACE Technology Co., LTD. |
|
ACE306X230XXX+ Datasheet(HTML) 7 Page - ACE Technology Co., LTD. |
7 / 15 page ACE306 Low Voltage Detector with Built-in Delay Circuit / SSD VER 1.3 7 Output Current1 Output Current2 Minimum Operating Voltage Detector Threshold Temperature Coefficient Iout1[mA] Iout2[mA] VDDL[V] - Condition Min. Typ. Condition Min. Typ. Typ. Max. Condition Typ. NCH, VDS=0.05V,VDD=0.7V 0.01 0.05 NCH,VDS=0.5V VDD=0.85V 0.1 0.5 0.5 0.7 -40 ℃ Topt 85℃ 100 VDD=1.0V 0.2 1.0 VDD=1.5V 1.0 2.0 Electrical Characteristics By Output Delay Time Part Number Test Condition Output Delay Time Unit Min Typ Max ACE306XXXXAXX+ VDD=1.0V to Vdet+1.0V 45 50 55 ms ACE306XXXXBXX+ 90 100 110 ACE306XXXXCXX+ 135 150 165 ACE306XXXXDXX+ 180 200 220 ACE306XXXXEXX+ 225 250 275 ACE306XXXXFXX+ 270 300 330 ACE306XXXXGXX+ 360 400 440 Function description High precision low temperature co-efficiency reference voltage is applied to the negative input of a comparator. Input voltage, divided by resistor array of Ra and Rb, is applied to the positive input of the comparator. Output of the comparator passes a delay circuit and a series of buffer to drive the output CMOS pair. VDET =VREF*(1+Ra/Rb) |
Similar Part No. - ACE306X230XXX+ |
|
Similar Description - ACE306X230XXX+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |