Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE301X32XX+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE301X32XX+
Description  High-precision Low Voltage Detector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301X32XX+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE301X32XX+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301X32XX+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ACE301
High-precision Low Voltage Detector
VER 1.6
2
Packaging Type
SOT-23-3
SOT-89-3
SOT-23-5
TO-92
3
5
4
1
2
1
2
3
1
2
3
1 2 3
Ordering information
ACE301 X XX XX
+
H
SOT-23-3
SOT-89-3
SOT-23-5
TO-92
Description
Function
1
1
1
1
VOUT
Voltage detection output Pin
3
2
2
2
VDD
Voltage input Pin
2
3
3
3
VSS
GND Pin
4
NC
No connection
5
NC
No connection
Detector Voltage 0.9V ~ 6.0V
Pb - free
Halogen - free
Output type N: Nch / C: CMOS
BM: SOT-23-3
BN: SOT-23-5
AM: SOT-89-3
EP: TO-92


Similar Part No. - ACE301X32XX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE301X32XX++ ACE-ACE301X32XX+ Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
More results

Similar Description - ACE301X32XX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com