Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL-COBRAT5TUBE Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # SL-COBRAT5TUBE
Description  According to CIE publication: NO. 84 ?쏷he measurement of luminous flux.??Luminous intensity distribution was measured by Goniophotometer system.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SL-COBRAT5TUBE Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  SL-COBRAT5TUBE Datasheet HTML 1Page - Everlight Electronics Co., Ltd SL-COBRAT5TUBE Datasheet HTML 2Page - Everlight Electronics Co., Ltd SL-COBRAT5TUBE Datasheet HTML 3Page - Everlight Electronics Co., Ltd SL-COBRAT5TUBE Datasheet HTML 4Page - Everlight Electronics Co., Ltd SL-COBRAT5TUBE Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data Sheet
SL-Cobra T5 Tube
Everlight Electronics Co., Ltd.
Prepared date: 10-02-2009
Rev.2.0
Page: 2 of
5
Device No. :DBM-0000048
TEL:+886-2-22672000
FAX:+886-2-2267-6244
http://www.everlight.com
Luminosity Output
According to CIE publication: NO. 84 “The measurement of luminous flux.” Luminous intensity distribution was
measured by Goniophotometer system.
* The above values are rounded and are for reference only.
Product Dimensions
Notes: 1) Dimensions are in millimeters
2) Standard tolerance is +/-0.5 mm unless stated
3) Lighting module compatible for G5 pin type
Lightly Frosted (LF)
Heavily Frosted (HF)
Lumen Output (Lm)*
3000K
4000K
5000K
6000K
3000K
4000K
5000K
6000K
SL-Cobra/T5/48DC/C/P10
640
760
800
800
480
570
600
600
SL-Cobra/T5/48DC/C/P15
900
1100
1200
1200
700
850
900
900
SL-Cobra/T5/48DC/C/P20
1200
1500
1600
1600
950
1100
1200
1200
Model
A(mm)
B(mm)
T5/048DC/C/P10
549.0
563.2
T5/048DC/C/P15
849.0
863.2
T5/048DC/C/P20
1149.0
1163.2


Similar Part No. - SL-COBRAT5TUBE

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SL-105-T-12 SAMTEC-SL-105-T-12 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-108-G-12 SAMTEC-SL-108-G-12 Datasheet
118Kb / 1P
   ASSEMBLY SOCKET STRIP
logo
Everlight Electronics C...
SL-10A EVERLIGHT-SL-10A Datasheet
370Kb / 5P
   No UV or IR light radiation
SL-10A-C-P05-30-E30-EU EVERLIGHT-SL-10A-C-P05-30-E30-EU Datasheet
370Kb / 5P
   No UV or IR light radiation
More results

Similar Description - SL-COBRAT5TUBE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
logo
HB Electronic Component...
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
   Highest Luminous Flux
logo
Vishay Siliconix
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com