Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE302X410XXX+ Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE302X410XXX+
Description  Low Voltage Detector with Built-in Delay Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302X410XXX+ Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE302X410XXX+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302X410XXX+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ACE302
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
4
ACE302N300DBM+ (3.0V) (Topt=25℃, Unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
2.94
3.0
3.06
V
ISS
Current consumption
VDD=5.0V
0.5
1
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA
ACE302N340DBM+ (3.4V) (Topt=25℃, Unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
3.332
3.4
3.468
V
ISS
Current consumption
VDD=5.0V
0.5
1
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA
ACE302N440DBM+ (4.4V) (Topt=25℃, Unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
4.312
4.4
4.488
V
ISS
Current consumption
VDD=6.4V
0.5
1
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=8.0V
1.5
3.0
mA


Similar Part No. - ACE302X410XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302X410XXX++ ACE-ACE302X410XXX+ Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
More results

Similar Description - ACE302X410XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com