Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE301X50XX+ Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE301X50XX+
Description  High-precision Low Voltage Detector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301X50XX+ Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE301X50XX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE301X50XX+ Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ACE301
High-precision Low Voltage Detector
VER 1.6
7
Output Current1
Output Current2
Output
Delay
Time
Minimum
Operation
Voltage
Detector
Threshold
Temperature
Coefficient
Iout1[mA]
Iout2[mA]
TPLH[us]
VDDL[V]
Δ-V
DET/ΔTppm/℃
Condition
Min.
Typ.
Condition
Min.
Typ.
Max.
Typ.
Max.
Condition
Typ.
NCH,
VDS=0.05V,
VDD=0.7V
0.01
0.05
NCH,
VDS=0.5V
Vdd=0.85V
0.1
0.5
20
0.5
0.7
-40℃~85℃
100
Vdd=1.0V
0.2
1.0
VDD=1.5V
1.0
2.0
Function description
High precision low temperature co-efficiency reference voltage is applied to the negative input of a
comparator. Input voltage, divided by resistor array of Ra Rb and Rc, is applied to the positive input of the
comparator. Output of the comparator controls a pair of NMOS and PMOS switches, generating the
hysteresis. Output of the comparator passes a series of buffer to drive the output CMOS pair.
+VDET, -VDET, VHYS can be calculated as follows:
-VDET =VREF*(1+Ra/(Rb+Rc))
+VDET =VREF*(1+(Ra+Rb)/Rb)=VREF *(1+(Ra+Rc)/Rb)
VHYS = +VDET-(-VDET)=VREF*(Ra+Rb+Rc)(1/Rb-1/(Rb+Rc))


Similar Part No. - ACE301X50XX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE301X50XX++ ACE-ACE301X50XX+ Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
More results

Similar Description - ACE301X50XX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com