Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0244920000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0244920000
Description  Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 1.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0244920000 Datasheet(HTML) 2 Page - Weidmuller

  0244920000 Datasheet HTML 1Page - Weidmuller 0244920000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | AP end cover plates
- 2 -
0271120000
AP SAK16 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
0279560000
AP SAK2.5
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0279580000
AP SAK2.5 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0279520000
AP SAK2.5 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 1.5 mm
0279570000
AP SAK2.5 KRG BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0279530000
AP SAK2.5 KRS
Modular terminal, accessories, end plate and intermediate plate,
anthracite, 1.5 mm
0117960000
AP SAK4-10
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0117980000
AP SAK4-10 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0117920000
AP SAK4-10 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 1.5 mm
0117970000
AP SAK4-10 KRG/BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0117930000
AP SAK4-10 KRS
Modular terminal, accessories, end plate and intermediate plate,
anthracite, 1.5 mm
0340960000
AP SAK70/35
Modular terminal, accessories, end plate and intermediate plate,
beige, 2 mm
0550920000
AP SAK95 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
0550970000
AP SAK95 KRG/BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 3 mm
0134220000
AP SAKA KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
0150960000
AP SAKD2.5N
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0150980000
AP SAKD2.5N BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0329120000
AP SAKT2 KRG
Modular terminal, accessories, end plate and intermediate plate,
Medium yellow, 3 mm
0244920000
AP SAKT4 KRG
Modular terminal, accessories, end plate and intermediate plate,
Medium yellow, 3 mm


Similar Part No. - 0244920000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0244920000 WEIDMULLER-0244920000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
0244920000 WEIDMULLER-0244920000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, Medium yellow, 3 mm
0244920000 WEIDMULLER-0244920000 Datasheet
531Kb / 1P
   SAKT 4/LT SAKT 4/DU SAKT 1/DU SAKT 1/QT
More results

Similar Description - 0244920000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271120000 WEIDMULLER-0271120000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
0150960000 WEIDMULLER-0150960000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
0205100000 WEIDMULLER-0205100000 Datasheet
65Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, Dark beige brown, 2 mm
0271160000 WEIDMULLER-0271160000 Datasheet
48Kb / 2P
   Modular terminal, accessories, End and intermediate plate, beige, 1.5 mm
0205300000 WEIDMULLER-0205300000 Datasheet
59Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, Dark beige brown, 2 mm
0210800000 WEIDMULLER-0210800000 Datasheet
56Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige
0326860000 WEIDMULLER-0326860000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 38 mm
0258360000 WEIDMULLER-0258360000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
0326660000 WEIDMULLER-0326660000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
0485760000 WEIDMULLER-0485760000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 3 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com