Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50136BM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE50136BM+H
Description  250mA CMOS Low Dropout Voltage Low consumption Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50136BM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE50136BM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50136BM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE501
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
3
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
8
V
Ambient Temperature
-40
+85
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
ACE501-1.5V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
1.47
1.5
1.53
V
Maximum Output Current
IOUT(Max.)
VIN=2.5V, VOUT>1.47
250
mA
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=100mA
270
400
mV
Line Regulation
ΔVOUT /
ΔVIN•VOUT
IOUT=40mA
1.6V≦VIN≦8V
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=2.5V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=2.5V
3.0
5.0
uA
Output Voltage Temperature
Coefficient
ΔVOUT /
ΔT•VOUT
IOUT=10mA
50
ppm/℃
ACE501-3.0
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
2.94
3.0
3.06
V
Maximum Output Current
IOUT(Max.)
VIN=4V, VOUT>2.94
250
mA
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=100mA
170
300
mV
IOUT=200mA
320
500
Line Regulation
ΔVOUT /
ΔVIN•VOUT
IOUT=40mA
3.2V≦VIN≦8V
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=4.0V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=4V
3.0
5.0
uA
Output Voltage Temperature
Coefficient
ΔVOUT /
ΔT•VOUT
IOUT=10mA
50
ppm/℃


Similar Part No. - ACE50136BM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50136BM++ ACE-ACE50136BM+ Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE50136BM+H

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
   36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com