Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7346B Datasheet(PDF) 5 Page - Analog Devices

Part # AD7346B
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7346B Datasheet(HTML) 5 Page - Analog Devices

  AD7346B Datasheet HTML 1Page - Analog Devices AD7346B Datasheet HTML 2Page - Analog Devices AD7346B Datasheet HTML 3Page - Analog Devices AD7346B Datasheet HTML 4Page - Analog Devices AD7346B Datasheet HTML 5Page - Analog Devices AD7346B Datasheet HTML 6Page - Analog Devices AD7346B Datasheet HTML 7Page - Analog Devices AD7346B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD5011
–5–
REV PrA
PRELIMINARY TECHNICAL DATA
D1 1
D1 0
D 1
D0
ADCCL K
t 6
t 10
D1 1
D 1 0
D9
SCL K
SDO
t
7
t
8
t
9
D1 1
D1 0
D 1
D0
D1 3
D1 2
D 1
D 0
TxC LK
t
14
t
11
T xSYNC
t 13
X
t
12
X
D1 1
D2
D1 3
D 1 2
TxD AT A
t
15
Figure 2. ADC Timing (1160 kHz < ADCCLK <= 2320 kHz)
Figure 3. DAC Timing
Figure 4. Control Interface
R/W SEL2
D1 0
D1
DO
SEL1
D1 1
SEL0
SPICL K
t
17
t 18
TFS
t
20
t
19
DT
t
16
t 21
D1 0
D1
DO
D1 1
DR
(R/W = 1)
DR
(R/W = 0
t
22
t
23
SCLK activity and serial output data activity does not coincide with the sesitive ADCCLK clock edges
The rising edge of TxSYNC can occur anywhere as long at the TxSYNC low time exceeds one TxCLK period. The TxSYNC falling edge
must occur after the TxCLK rising edge which captures the LSB of the previous word. This ensures correct loading into the DAC. The
first 14 bits are loaded into the DAC, the 2 LSBs being don't cares.
If R/
W = 1, the selected register's contents will be output on DR. If R/W = 0, no data will be output on DR. The SEL bits identify
which of the four register banks is being written to. The 12 LSBs contain the word. When the AD5011 is reset using RESETB, the
registers are reset to zero.


Similar Part No. - AD7346B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-40 AD-AD73460BB-40 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-80 AD-AD73460BB-80 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
More results

Similar Description - AD7346B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com