Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1117 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1117
Description  1A Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1117 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE1117
1A Positive Voltage Regulators
VER 1.4
2
Ordering information
ACE1117 XX XX
+
H
Electrical Characteristics
VIN.MAX≦8V, VIN.MAX-VOUT=1.5V, IOUT=10mA, CIN=10uF, COUT=22uF, TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Mum
Unit
Output Voltage
(1)
VO
ACE1117-15
ACE1117-18
ACE1117-25
ACE1117-33
ACE1117-50
1.470
1.764
2.450
3.234
4.900
1.5
1.8
2.5
3.3
5.0
1.530
1.836
2.550
3.366
5.100
V
Reference
Voltage
(1)
(ADJ. Voltage
Version)
VREF
(VIN-VOUT)=1.5V IOUT=10mA
(-2%)
1.250 (+2%)
V
Line Regulation
(1)
VSR
VOUT+1.5V<VIN<8V IOUT=10mA
0.3
%
Load Regulation
(1)
VLR
(VIN-VOUT)=1.5V 10mA≦IOUT≦1A
0.5
%
Quiescent
Current
(2)
IQ
Fixed Output Version
3
mA
Adjust Pin
Current
IADJ
65
uA
Adjust Pin
Current Change
△IADJ
VOUT+1.5V<VIN<8V
10mA≦IOUT≦1A
14
uA
Dropout Voltage
(3)
VD
IOUT=1A
1.3
V
Minimum Load
Current
IO
0.4
mA
Current Limit
ICL
1.8
A
Temperature
Coefficient
TC
0.07
%/℃
Halogen - free
Output Voltage :
1.5 / 1.8V / 2.5V / 3.3V
….. 5.0V / Default: Adjustable Version
Pb - free
XM : SOT-223
YM : TO-252


Similar Part No. - ACE1117

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111718XM+H ACE-ACE111718XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111718YM+H ACE-ACE111718YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Similar Description - ACE1117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com