Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADLD25PC Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ADLD25PC
Description  Intel Atom D525 Dual Core, 1.80GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLD25PC Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ADLD25PC Datasheet HTML 1Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 2Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCI/104-Express
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications - ADLD25PC
FEATURE
FUNCTION
REMARKS
OPTIONS
LAN
LAN1 Controller
Intel ICH9M-E / 567 Phy
LAN1 10/100/1000
10/100/1000 Mbit
LAN1 Diskless Boot option RPL/PXE/WOL
RPL/PXE/WOL
LAN2 Controller
None
Buses
PCI
PC/104-Plus V2.0
PCIe x1 / x4 / x16
PCIe/104 V1.1 (PCIe v2.0)
Specials/Options
mini-PCIe V1.2
Please call for compatibility
292530
ATA/SATA Interfaces
ATA primary/secondary
None
SATA Channels
2
SATA RAID Levels 0/1/5/10
0/1
1.5Gbs/3.0Gbs/6.0Gbs
1.5Gbs/3.0Gbs
Onboard Compact Flash / Solid State Disk
None
USB Interfaces
Boot HD/FDD/CDROM/FD/ZIP
HD/FDD/CDROM/FD/ZIP
USB-Channels
8
Protocols - USB 1.1/2.0/Host/Device
1.1/2.0/Host
Serial Interfaces
COM1&2: TTL/RS232/RS485/RS422
RS232
COM3&4: TTL/RS232/RS485/RS422
RS232/422/485
BIOS Selectable
RS232 max Speed
RS232 - 250kbps / 422/485 - 10Mbps
Parallel Interfaces
LPT Uni/ECP/EPP/FDC
Uni/ECP/EPP/FDC
Specials/Options
16-Bit GPIO
Discrete port
Interfaces
PS/2 Keyboard/Mouse
Yes
Floppy Interface FDC
Shared with LPT Port
Watchdog
Yes
Power Supply
Supply Voltage
5V
Power Normal (typical)*
TBD
UPS/Pb-Batt
None
Cooling
passive / active
Operating Temperature (ambient)
-25 to 70 °C
ADL thermal solution recommended
Extended Temperature
-40 to 85º C
Requires ADL-ET and Approved Thermal solution
Storage Temp.
-40 to 85 °C
Dimensions
3.6” x 3.8” (90mm x 96mm)


Similar Part No. - ADLD25PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
ADLD25PC-525 ADL-ADLD25PC-525 Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
ADLD25PC-CK ADL-ADLD25PC-CK Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
ADLD25PC-mPCIe ADL-ADLD25PC-mPCIe Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
ADLD25PC-PASSIVELP ADL-ADLD25PC-PASSIVELP Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
More results

Similar Description - ADLD25PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC_18 Datasheet
343Kb / 4P
   D525 Dual Core, 1.80GHz
logo
List of Unclassifed Man...
LEC-2110P ETC2-LEC-2110P Datasheet
249Kb / 2P
   Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
logo
Advantech Co., Ltd.
ARK-2120F ADVANTECH-ARK-2120F_16 Datasheet
1Mb / 2P
   Intel Atom Dual Core D2550
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Protech Systems Co., Lt...
BPC-8960 PROTECHSYSTEMS-BPC-8960 Datasheet
327Kb / 2P
   Slim Dual Core Atom D525 Book Size PC
logo
List of Unclassifed Man...
IBOX280 ETC2-IBOX280 Datasheet
730Kb / 1P
   Intel Cedarview Atom N2800 Dual Core 1.86GHz
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
   Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard with Intel Atom N455/D525 Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com