Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2113YH-T Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2113YH-T
Description  18V/3A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113YH-T Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2113YH-T Datasheet HTML 5Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 6Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 7Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 8Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 9Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 10Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 11Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 12Page - Active-Semi, Inc ACT2113YH-T Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PC Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce both
the AC loop and DC loop size. AC loop includes
input cap, VIN pin and VIN ground pin, DC loop
includes SW pin, inductor, output capacitor and
ground pin.
2) Place input decoupling ceramic capacitor CIN as
close to IN pin as possible. CIN is connected
power GND with vias or short and wide path.
3) Return FB, COMP and ISET to signal GND pin,
and connect the signal GND to power GND at a
single point for best noise immunity.
4) Use copper plane for power GND for best heat
dissipation and noise immunity.
5) Place feedback resistor close to FB pin.
6) Use short trace connecting HSB-CHSB-SW loop
Figure 3 shows an example of PCB layout.
Figure 4 and Figure 5 give two typical car charger
application schematics and associated BOM list.
Figure 3: PCB Layout


Similar Part No. - ACT2113YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2113YH-T ACTIVE-SEMI-ACT2113YH-T Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results

Similar Description - ACT2113YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
   DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com