Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1102 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1102
Description  The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1102 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1102 Datasheet HTML 5Page - Allegro MicroSystems A1102 Datasheet HTML 6Page - Allegro MicroSystems A1102 Datasheet HTML 7Page - Allegro MicroSystems A1102 Datasheet HTML 8Page - Allegro MicroSystems A1102 Datasheet HTML 9Page - Allegro MicroSystems A1102 Datasheet HTML 10Page - Allegro MicroSystems A1102 Datasheet HTML 11Page - Allegro MicroSystems A1102 Datasheet HTML 12Page - Allegro MicroSystems A1102 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LH, 3-Pin (SOT-23W)
0.55 REF
Gauge Plane
Seating Plane
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
A
Active Area Depth, 0.28 mm REF
B
C
B
Reference land pattern layout
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
Branding scale and appearance at supplier discretion
A
PCB Layout Reference View
Branded Face
C
Standard Branding Reference View
N = Last two digits of device part number
T = Temperature code (letter)
1
NNT
N = Last three digits of device part number
1
NNN
2.90 +0.10
–0.20
4°±4°
8X 10° REF
0.180+0.020
–0.053
0.05 +0.10
–0.05
0.25 MIN
1.91 +0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
0.40 ±0.10
For Reference Only; not for tooling use (reference dwg. 802840)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
D
Hall element, not to scale
D
D
D
1.49
0.96
3
A1101, A1102,
A1103, and
A1104 only
A1101, A1102,
A1103, A1104,
and A1106


Similar Part No. - A1102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102 ALLEGRO-A1102 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102 ALLEGRO-A1102 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1102 ALLEGRO-A1102 Datasheet
756Kb / 13P
   Continuous-Time Switch Family
logo
Hamamatsu Corporation
A11026 HAMAMATSU-A11026 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
A11027 HAMAMATSU-A11027 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
More results

Similar Description - A1102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_12 Datasheet
363Kb / 14P
   The Allegro A1202 and A1203 Hall-effect bipolar switches are next-generation replacements and extension of the popular Allegro A3133 and A3132 bipolar switch product line.
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
logo
List of Unclassifed Man...
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
NC3MD-LX ETC2-NC3MD-LX Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
logo
Allegro MicroSystems
APS11060 ALLEGRO-APS11060 Datasheet
1Mb / 21P
   Vertical and Planar Hall-Effect Switches
May 12, 2020
APS11000 ALLEGRO-APS11000 Datasheet
1,007Kb / 21P
   Vertical and Planar Hall-Effect Switches
logo
Diodes Incorporated
AH3231Q DIODES-AH3231Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
logo
Omron Electronics LLC
E3XDA51S2M OMRON-E3XDA51S2M Datasheet
5Mb / 35P
   Evolution and Perfection The next-generation platform for a wide range of sensing
logo
Allegro MicroSystems
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com