Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1126 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1126
Description  The A1126 integrated circuit is an omnipolar, ultrasensitive Hall-effect switch with a digital output.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1126 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1126 Datasheet HTML 5Page - Allegro MicroSystems A1126 Datasheet HTML 6Page - Allegro MicroSystems A1126 Datasheet HTML 7Page - Allegro MicroSystems A1126 Datasheet HTML 8Page - Allegro MicroSystems A1126 Datasheet HTML 9Page - Allegro MicroSystems A1126 Datasheet HTML 10Page - Allegro MicroSystems A1126 Datasheet HTML 11Page - Allegro MicroSystems A1126 Datasheet HTML 12Page - Allegro MicroSystems A1126 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Chopper Stabilized Omnipolar Hall-Effect Switch
A1126
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
The output of these devices switches low (turns on) when a
magnetic field perpendicular to the Hall sensor chip exceeds the
operate point threshold, BOPx. After turn-on, the output voltage
is VOUT(SAT). The output transistor is capable of sinking current
up to the short circuit current limit, IOM, which is a minimum
of 30 mA. When the magnetic field is reduced below the release
point, BRPx, the device output goes high (turns off). The differ-
ence in the magnetic operate and release points is the hysteresis,
BHYS, of the device. This built-in hysteresis allows clean switch-
ing of the output even in the presence of external mechanical
vibration and electrical noise.
In the case of omnipolar switch devices, removal of the magnetic
field results in the device output high (off).
Powering-on the device in the hysteresis range (less than BOPx
and greater than BRPx) will allow an indeterminate output state.
The correct state is attained after the first excursion beyond BOPx
or BRPx.
Figure 1. Switching behavior of omnipolar switches. On the horizontal axis, the
B+ direction indicates increasing south polarity magnetic field strength, and the
B– direction indicates increasing north polarity. This behavior can be exhibited
when using a circuit such as that shown in figure 2.
BHYS
BHYS
VS
VOUT(SAT)
B+
B–
V+
0
0


Similar Part No. - A1126

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1126 EPCOS-A1126 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LLHLT-T2 ALLEGRO-A1126LLHLT-T2 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
More results

Similar Description - A1126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
logo
Texas Instruments
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
logo
Allegro MicroSystems
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
   Micropower Ultrasensitive 3D Hall-Effect Switch
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
   ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
logo
DIWELL Electronics Co.,...
WSH131 DIWELL-WSH131 Datasheet
172Kb / 4P
   Omnipolar Hall Effect Switch IC
2017/4/7 Rev. B
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com