Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1184 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1184
Description  The A1184 device is a standard, two-wire, unipolar, Hall effect switch.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1184 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1184_11 Datasheet HTML 1Page - Allegro MicroSystems A1184_11 Datasheet HTML 2Page - Allegro MicroSystems A1184_11 Datasheet HTML 3Page - Allegro MicroSystems A1184_11 Datasheet HTML 4Page - Allegro MicroSystems A1184_11 Datasheet HTML 5Page - Allegro MicroSystems A1184_11 Datasheet HTML 6Page - Allegro MicroSystems A1184_11 Datasheet HTML 7Page - Allegro MicroSystems A1184_11 Datasheet HTML 8Page - Allegro MicroSystems A1184_11 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Standard Two-Wire Field-Programmable
Chopper-Stabilized Unipolar Hall Effect Switch
A1184
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Data
0
2
4
6
8
10
-50
0
50
100
150
200
-50
0
50
100
150
200
-50
0
50
100
150
200
10
12
14
16
18
20
-50
0
50
100
150
200
0
100
200
300
400
500
600
700
5
10
15
20
25
30
ICC(L) versus Ambient Temperature
at Various Levels of VCC
(A1184)
ICC(H) versus Ambient Temperature
at Various Levels of VCC
(A1184)
Ambient Temperature, T
A (°C)
Ambient Temperature, T
A (°C)
Average BOP Bits versus Ambient Temperature
(A1184)
Ambient Temperature, T
A (°C)
V
CC (V)
3.5
12.0
24.0
V
CC (V)
3.5
12.0
24.0
Hysteresis versus Ambient Temperature
at Various Levels of VCC
(A1184)
Ambient Temperature, T
A (°C)
V
CC (V)
3.5
12.0
24.0
B
OPinit
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Device Qualification Program
EMC (Electromagnetic Compatibility) Requirements
Test Name
Reference Specification
ESD – Human Body Model
AEC-Q100-002
ESD – Machine Model
AEC-Q100-003
Conducted Transients
ISO 7637-2
Direct RF Injection
ISO 11452-7
Bulk Current Injection
ISO 11452-4
TEM Cell
ISO 11452-3
Contact Allegro MicroSystems for information.
Contact your local representative for EMC results.


Similar Part No. - A1184_11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1184ELHLT-T ALLEGRO-A1184ELHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184ELHLT-T ALLEGRO-A1184ELHLT-T Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184EUA ALLEGRO-A1184EUA Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184EUA-T ALLEGRO-A1184EUA-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184EUA-T ALLEGRO-A1184EUA-T Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1184_11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1181 ALLEGRO-A1181 Datasheet
915Kb / 14P
   Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
logo
Shenzhen Huazhimei Semi...
HM6211 HMSEMI-HM6211 Datasheet
1Mb / 7P
   The HM6211 is a micropower, high sensitivity unipolar Hall switch sensing device.
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
   Two-Wire Hall-Effect Switch
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
logo
Diodes Incorporated
AH3231Q DIODES-AH3231Q Datasheet
2Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
logo
Allegro MicroSystems
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
logo
Diodes Incorporated
AH922 DIODES-AH922 Datasheet
365Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
   Unipolar Hall Effect Switch
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com