Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1220 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1220
Description  The A1220, A1221, A1222, and A1223 Hall-effect sensor ICs are extremely temperature-stable and stress-resistant devices especially suited for operation over extended temperature ranges to 150째C.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1220 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1220_12 Datasheet HTML 6Page - Allegro MicroSystems A1220_12 Datasheet HTML 7Page - Allegro MicroSystems A1220_12 Datasheet HTML 8Page - Allegro MicroSystems A1220_12 Datasheet HTML 9Page - Allegro MicroSystems A1220_12 Datasheet HTML 10Page - Allegro MicroSystems A1220_12 Datasheet HTML 11Page - Allegro MicroSystems A1220_12 Datasheet HTML 12Page - Allegro MicroSystems A1220_12 Datasheet HTML 13Page - Allegro MicroSystems A1220_12 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Chopper Stabilized Precision Hall Effect Latches
A1220, A1221,
A1222, and A1223
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CBYP
A122x
VOUT
GND
0.1 μF
VCC
Output
RL
VS
Operation
The output of these devices switches low (turns on) when a mag-
netic field perpendicular to the Hall element exceeds the operate
point threshold, BOP (see panel A of figure 1). After turn-on, the
output voltage is VOUT(SAT). The output transistor is capable of
sinking current up to the short circuit current limit, IOM, which is
a minimum of 30 mA. When the magnetic field is reduced below
the release point, BRP, the device output goes high (turns off).
The difference in the magnetic operate and release points is the
hysteresis, BHYS, of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
Removal of the magnetic field will leave the device output
latched on if the last crossed switchpoint is BOP, or latched off if
the last crossed switch point is BRP.
Powering-on the device in the hysteresis range (less than BOP and
higher than BRP) will give an indeterminate output state. The cor-
rect state is attained after the first excursion beyond BOP or BRP.
Applications
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall element) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper stabilization technique. As is
shown in panel B of figure 1, a 0.1 μF capacitor is typical.
Extensive applications information for Hall effect devices is
available in:
• Hall-Effect IC Applications Guide, Application Note 27701
• Guidelines for Designing Subassemblies Using Hall-Effect
Devices, Application Note 27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, Application Note 26009
All are provided in Allegro Electronic Data Book, AMS-702, and
the Allegro Web site, www.allegromicro.com.
Figure 1. Switching behavior of latches. In panel A, on the horizontal axis, the B+ direction indicates increasing south polarity magnetic field strength,
and the B– direction indicates decreasing south polarity field strength (including the case of increasing north polarity). This behavior can be exhibited
when using a circuit such as that shown in panel B.
(A)
(B)
Functional Description
BHYS
VCC
VOUT(SAT)
B+
B–
V+
0
0


Similar Part No. - A1220_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
More results

Similar Description - A1220_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225_11 Datasheet
286Kb / 13P
   These Hall-effect latches are extremely temperature-stable and stress resistant sensor ICs especially suited for operation over extended temperature ranges to 150째C.
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Accelerometer...
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
   Temperature coefficient is negative and variety linear over the operation temperature
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com