Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1223 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1223
Description  The A1220, A1221, A1222, and A1223 Hall-effect sensor ICs are extremely temperature-stable and stress-resistant devices especially suited for operation over extended temperature ranges to 150째C.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1223 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1223 Datasheet HTML 2Page - Allegro MicroSystems A1223 Datasheet HTML 3Page - Allegro MicroSystems A1223 Datasheet HTML 4Page - Allegro MicroSystems A1223 Datasheet HTML 5Page - Allegro MicroSystems A1223 Datasheet HTML 6Page - Allegro MicroSystems A1223 Datasheet HTML 7Page - Allegro MicroSystems A1223 Datasheet HTML 8Page - Allegro MicroSystems A1223 Datasheet HTML 9Page - Allegro MicroSystems A1223 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Chopper Stabilized Precision Hall Effect Latches
A1220, A1221,
A1222, and A1223
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Average Supply Current (On) versus Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Average Supply Current (On) versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
6
10
14
18
22
26
VCC (V)
Average Supply Current (Off) versus Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Average Supply Current (Off) versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
6
10
14
18
22
26
VCC (V)
Saturation Voltage versus Temperature
0
50
100
150
200
250
300
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
2.6V
3.0V
3.8V
4.2V
12V
24V
Saturation Voltage versus Supply Voltage
0
50
100
150
200
250
300
0
2
4
6
8
1012
14161820222426
VCC (V)
3.0V
3.8V
4.2V
12V
24V
150°C
-40°C
25°C
150°C
-40°C
25°C
150°C
-40°C
25°C
3.0V
3.8V
4.2V
12V
24V
Characteristic Performance
A1220, A1221, A1222, and A1223 Electrical Characteristics


Similar Part No. - A1223

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1223 ALLEGRO-A1223 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1223 ALLEGRO-A1223 Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A1223ELHLT-T ALLEGRO-A1223ELHLT-T Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1223ELHLT-T ALLEGRO-A1223ELHLT-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A1223ELHLT-T ALLEGRO-A1223ELHLT-T Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
More results

Similar Description - A1223

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225_11 Datasheet
286Kb / 13P
   These Hall-effect latches are extremely temperature-stable and stress resistant sensor ICs especially suited for operation over extended temperature ranges to 150째C.
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Accelerometer...
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
   Temperature coefficient is negative and variety linear over the operation temperature
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com