Electronic Components Datasheet Search |
|
AD5222BRU50 Datasheet(PDF) 8 Page - Analog Devices |
|
AD5222BRU50 Datasheet(HTML) 8 Page - Analog Devices |
8 / 10 page AD5222 –8– REV. 0 OPERATION The AD5222 provides a 128-position, digitally-controlled, variable resistor (VR) device. Changing the VR settings is accomplished by pulsing the CLK pin while CS is active low. The U/D (UP/ DOWN) control input pin controls the direction of the increment. When the wiper hits the end of the resistor (Terminal A or B) additional CLK pulses no longer change the wiper setting. The wiper position is immediately decoded by the wiper decode logic changing the wiper resistance. Appropriate debounce circuitry is required when push-button switches are used to control the count sequence and direction of count. The exact timing require- ments are shown in Figure 2. The AD5222 powers ON in a centered wiper position, exhibiting nearly equal resistances of RWA and RWB. DECODE UP/DOWN COUNTER AD5222 VSS A1 W1 B1 DECODE UP/DOWN COUNTER A2 W2 B2 POR DAC SELECT AND ENABLE CLK CS U/ D DACSEL MODE GND VDD Figure 29. Block Diagram DIGITAL INTERFACING OPERATION The AD5222 contains a push-button controllable interface. The active inputs are clock (CLK), CS and up/down (U/D). While the MODE, and DACSEL pins control common updates or individual updates. The negative-edge sensitive CLK input requires clean transitions to avoid clocking multiple pulses into the internal UP/DOWN counter register, Figure 30. Standard logic families work well. If mechanical switches are used for product evaluation a flip-flop or other suitable means should debounce them. When CS is taken active low, the clock begins to increment or decrement the internal up/down counter, depen- dent upon the state of the U/ D control pin. The UP/DOWN counter value (D) starts at 40H at system power ON. Each new CLK pulse will increment the value of the internal counter by 1 LSB until the full-scale value of 7FH is reached, as long as the U/ D pin is logic high. If the U/D pin is taken to logic low, the counter will count down, stopping at code 00H (zero-scale). Additional clock pulses on the CLK pin are ignored when the wiper is at either the 00H position or the 7FH position. The detailed digital logic interface circuitry is shown in Figure 30. RDAC 1 U/ D COUNTER RDAC 2 U/ D COUNTER CLK CS U/ D DACSEL MODE Figure 30. Detailed Digital Logic Interface Circuit All digital inputs ( CS, U/D, CLK, MODE, DACSEL) are protected with a series input resistor and parallel Zener ESD structure shown in Figure 31. All potentiometer terminal pins (A, B, W) are protected from ESD as shown in Figure 32. LOGIC 1k VSS Figure 31. Equivalent ESD Protection Digital Pins 20 A, B, W VSS Figure 32. Equivalent ESD Protection Analog Pins D0 D1 D2 D3 D4 D5 D6 RDAC UP/DOWN CNTR & DECODE W B RS = RNOMINAL/128 RS RS RS A RS Figure 33. AD5222 Equivalent RDAC Circuit |
Similar Part No. - AD5222BRU50 |
|
Similar Description - AD5222BRU50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |