Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6311 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT6311_12 Datasheet HTML 2Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 3Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 4Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 5Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 6Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 7Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 8Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 9Page - Active-Semi, Inc ACT6311_12 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACT6311
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
Start-up and Inrush Current
In order to facilitate quick startup, a soft-start circuit
is not incorporated into the ACT6311. When the IC
is first turned on with no external soft-start circuit,
the peak inrush current is about 400mA. Figure 8
shows an implementation for soft-start. When
soft-start
and
dimming
controls
are
used
simultaneously, a low frequency PWM signal (less
than 10kHz) or the methods in Figures 5, 6 and 7
should be used.
Open-Circuit Protection (White LEDs)
If one of the LEDs is disconnected, the FB voltage
drops to zero and the IC switches at maximum duty
cycle. This results in a high voltage that may
exceed the SW voltage rating. To limit this voltage,
use a Zener diode as shown in Figure 9. The Zener
voltage must be large than the total forward voltage
of the LEDs and the current rating should be higher
than 0.1mA.
Board Layout
To reduce EMI, minimize the area and path length
of all traces connected to SW. Use a ground plane
under the switching regulator and connect R1
directly to the G pin of the IC.
ACT6311
FB
R2
56k
LED1
LED2
LED3
R1
62Ω
R3
33.4k
VDC
ACT6311
FB
R2
56k
LED1
LED2
LED3
R1
62Ω
R3
33.4k
C1
0.1µF
R4
10k
PWM
Figure 4. Current Setting for White LED Application
Figure 5. DC Voltage Controlled Dimming
Figure 6. Filtered PWM Controlled Dimming
Figure 7. Logic Controlled Dimming
ACT6311
FB
LED1
LED2
LED3
R1
R2
LOGIC


Similar Part No. - ACT6311_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6311 ACTIVE-SEMI-ACT6311_14 Datasheet
344Kb / 11P
   White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
More results

Similar Description - ACT6311_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6311 ACTIVE-SEMI-ACT6311_14 Datasheet
344Kb / 11P
   White LED/OLED Step-Up Converter
Rev 4, 15-Nov-12
ACT6311 ACTIVE-SEMI-ACT6311 Datasheet
345Kb / 10P
   White LED/OLED Step-Up Converter
Rev 3, 22-Feb-11
logo
FOSLINK SEMICONDUCTOR C...
FSP3304 FOSLINK-FSP3304 Datasheet
303Kb / 9P
   WHITE LED/OLED STEP-UP CONVERTER
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com