Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8828 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8828_12 Datasheet HTML 1Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 2Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 3Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 4Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 5Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 6Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 7Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 8Page - Active-Semi, Inc ACT8828_12 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ON2
nPBIN
PUSH BUTTON
nIRQ
ON3
VSYS
ON4
Reference
ACT8828
ON1
REFBP
Charge
Control
CHG_IN
BAT
CURRENT SENSE
VOLTAGE SENSE
nSTAT
CHARGE STATUS
Up to 12V
ACIN
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
SCL
nRSTO
DCCC
ActivePath
Control
VSEL
ISET
System Supply
VSYS
BODY
SWITCH
2.9V
PRE-
CONDITION
110癈
THERMAL
REGULATION
GA
VP3
GP3
SW3
OUT3
OUT3
To VSYS
VP2
GP2
SW2
OUT2
OUT2
To VSYS
(Optional)
VSYS
7s x 3p
WLEDs
GP4
SW4
To VSYS
OUT4
FB4
OVP4
VP1
GP1
SW1
OUT1
OUT1
To VSYS
+
TH
BTR
System
Control
CHGLEV
VSYS
EP
OUT1
OUT1
100礎
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - ACT8828_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828_10 Datasheet
666Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
More results

Similar Description - ACT8828_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
   Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
   Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
   Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com