Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4491 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4491
Description  Designed to provide the power supply requirements of printers, office automation, industrial, and portable equipment, the A4491 provides three high current,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4491 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4491 Datasheet HTML 6Page - Allegro MicroSystems A4491 Datasheet HTML 7Page - Allegro MicroSystems A4491 Datasheet HTML 8Page - Allegro MicroSystems A4491 Datasheet HTML 9Page - Allegro MicroSystems A4491 Datasheet HTML 10Page - Allegro MicroSystems A4491 Datasheet HTML 11Page - Allegro MicroSystems A4491 Datasheet HTML 12Page - Allegro MicroSystems A4491 Datasheet HTML 13Page - Allegro MicroSystems A4491 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Triple Output Step-Down Switching Regulator
A4491
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The maximum peak-to-peak ripple current, IRIPPLE, occurs at the
maximum input voltage. Therefore the duty cycle, D, should be
found under these conditions (for the VREG1 channel):
D(min) =
.
VREG1+Vf
VBB(max)+Vf
(3)
where Vf is the forward voltage drop of the recirculation diode.
The required inductance can be found:
L (min)
D(min)
=
,
IRIPPLE
VBB(max) – VREG1
fSW(min)
1
××
(4)
Note that the manufacturers inductance tolerance should also
be taken into account. This value may be as high as ±20%. The
peak-to-peak current should not exceed 1 A, to avoid instability
in the innermost circuit loops due to insufficient slope compensa-
tion.
The maximum peak current can be found from to ensure that the
saturation current level of the chosen inductor is not exceeded:
Isat
ILOAD +
=
.
IRIPPLE
2
(5)
Recommended inductor manufacturers and ranges are:
• Taiyo Yuden: NR6045 series for 1.5 A outputs
• Taiyo Yuden: NRG4026 series for 1.0 A outputs
• Sumida: CDH74 series for 1.5 A outputs
Output Capacitor In the interests of size, cost and perfor-
mance, it is highly recommended that ceramic X5R or X7R
capacitor types be used. When using ceramic capacitors another
important consideration is the E-field effects on the actual value
of the capacitor. To minimize the effects of the capacitance
reducing with output voltage, it is recommended that the working
voltage of the capacitor be considerably more than the set output
voltage. As a suggestion, it is recommended that 6.3 V-rated
capacitors should be used for output voltages of 3.3 V and below.
For output voltages of 5 V, a 10 V-rated capacitor should be used.
The output capacitor determines the output voltage ripple and is
used to close the control loop. To guarantee stability, the capaci-
tance has to increase as the output voltage is reduced. This is
actually reasonable from a ripple voltage point of view, as the
ripple voltage is typically specified as a percentage of output
voltage.
The following table outlines what the minimum output capaci-
tance should be for a given output voltage:
Output Voltage
(V)
Minimum Output Capacitance
(μF)
510
3.3
20
1.8 to 2.5
30
<1.8
40
Capacitance values with greater than the above values can be
used with the effect of reducing the bandwidth. This may be nec-
essary in systems that have extremely low ripple/noise require-
ments.
The output ripple is largely determined by the output capacitance
and the effects of ESR and ESL can largely be ignored assuming
good layout practice is observed.
The output voltage ripple can be approximated to:
VRIPPLE
,
IRIPPLE
8 × fSW × COUT
(6)
When using ceramic capacitors, there is generally no need to con-
sider the current carrying capability due to the negligible heating
effects of the ESR. Also, the rms current flowing into the output
capacitor is extremely low.
Input Capacitor Again it is highly recommended that ceramic,
X5R or X7R capacitors be used.
The value of the input capacitance determines the amount of
current ripple (EMI) that appears at the source (VBB supply)
terminals. The amounts of current flowing in and out of the input
capacitor depend on the relative impedances between the input
capacitor impedance and the source impedance. To achieve a low
impedance filter solution it is recommended to place at least two
capacitors in parallel.


Similar Part No. - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4491 ALLEGRO-A4491 Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
More results

Similar Description - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490_12 Datasheet
397Kb / 17P
   Designed to provide the power supply requirements of printers, office automation, industrial, and portable equipment, the A4490 provides three high current,
A3998 ALLEGRO-A3998 Datasheet
341Kb / 20P
   Designed to provide the motor driver and power supply requirements for printers and office automation equipment.
A4492 ALLEGRO-A4492 Datasheet
355Kb / 16P
   Designed to provide the power supply requirements for automotive applications, the A4492 provides three high current, high performance, switching regulator outputs with independent soft start.
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
Shenzhen Huazhimei Semi...
HM2553 HMSEMI-HM2553 Datasheet
1Mb / 12P
   Printer and office automation equipment
logo
E&E Magnetic Products L...
832-00550F EEMAGNETIC-832-00550F Datasheet
497Kb / 2P
   Applicable for the miniaturization required to reduce the size and weight of portable equipment
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
logo
List of Unclassifed Man...
ENH0800A ETC2-ENH0800A Datasheet
181Kb / 7P
   specification describes the requirements of 400W watts switching power supply
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
   specification describes the requirements of 40 watts switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com