Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5311 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5311
Description  2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5311 Datasheet(HTML) 5 Page - Analog Devices

  AD5311 Datasheet HTML 1Page - Analog Devices AD5311 Datasheet HTML 2Page - Analog Devices AD5311 Datasheet HTML 3Page - Analog Devices AD5311 Datasheet HTML 4Page - Analog Devices AD5311 Datasheet HTML 5Page - Analog Devices AD5311 Datasheet HTML 6Page - Analog Devices AD5311 Datasheet HTML 7Page - Analog Devices AD5311 Datasheet HTML 8Page - Analog Devices AD5311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV. 0
AD5301/AD5311/AD5321
–5–
PIN CONFIGURATIONS
6-Lead SOT-23
8-Lead
SOIC
(RT-6)
(RM-8)
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
GND
SDA
SCL
VDD
A0
VOUT
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
A0
PD
VOUT
GND
VDD
SCL
SDA
A1
AD5301/AD5311/AD5321
AD5301/AD5311/AD5321
PIN FUNCTION DESCRIPTION
SOIC
SOT-23
Pin No.
Pin No.
Mnemonic
Function
16
VDD
Power Supply Input. These parts can be operated from +2.5 V to +5.5 V and the supply
should be decoupled with a 10
µF in parallel with a 0.1 µF capacitor to GND.
2
5
A0
Address Input. Sets the Least Significant Bit of the 7-bit slave address.
3
N/A
A1
Address Input. Sets the 2nd Least Significant Bit of the 7-bit slave address.
44
VOUT
Buffered analog output voltage from the DAC. The output amplifier has rail-to-rail operation.
5
N/A
PD
Active low control input that acts as a hardware power-down option. This pin overrides any
software power-down option. The DAC output goes three-state and the current consumption
of the part drops to 50 nA @ 3 V (200 nA @ 5 V).
6
3
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 16-bit
input shift register. Clock rates of up to 400 kbit/s can be accommodated in the I2C compat-
ible interface. SCL may be CMOS/TTL driven.
7
2
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into the 16-bit
input shift register during the write cycle and used to read back one or two bytes of data
(one byte for the AD5301, two bytes for the AD5311/AD5321) during the read cycle. It is
a bidirectional open-drain data line that should be pulled to the supply with an external
pull-up resistor. If not used in readback mode, SDA may be CMOS/TTL driven.
8
1
GND
Ground reference point for all circuitry on the part.


Similar Part No. - AD5311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311 AD-AD5311 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5311 AD-AD5311 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com