Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4941 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4941
Description  The A4941 three-phase motor driver incorporates BEMF sensing to eliminate the requirement for Hall sensors in fan applications.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4941 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4941 Datasheet HTML 1Page - Allegro MicroSystems A4941 Datasheet HTML 2Page - Allegro MicroSystems A4941 Datasheet HTML 3Page - Allegro MicroSystems A4941 Datasheet HTML 4Page - Allegro MicroSystems A4941 Datasheet HTML 5Page - Allegro MicroSystems A4941 Datasheet HTML 6Page - Allegro MicroSystems A4941 Datasheet HTML 7Page - Allegro MicroSystems A4941 Datasheet HTML 8Page - Allegro MicroSystems A4941 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Three-Phase Sensorless Fan Driver
A4941
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pin-out Diagram
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VBB
20
V
Logic Input Voltage Range
VIN
PWM, SLEW
–0.3 to 5.5
V
FC
–0.3 to VBB
V
Logic Output Voltage
VOUT
FG
VBB
V
Output Current
IOUT
Peak (startup and lock rotor)
1.25
A
rms, duty cycle = 100%
900
mA
Operating Ambient Temperature
TA
G temperature range
–40 to 105
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Terminal List Table
Name
Number
Function
CP1
2
Charge pump
CP2
3
Charge pump
CTAP
12
Motor terminal center tap
FC
10
Logic input
FG
8
Speed output signal
GND
5, 11
Ground
OUTA
15
Motor terminal A
OUTB
16
Motor terminal B
OUTC
1
Motor terminal C
PWM
7
Logic input
SENSE
14
Sense resistor connection
SLEW
6
Logic input
TEST
9
Test use only, leave open circuit
VBB
13
Input supply
VCP
4
Charge pump
Selection Guide
Part Number
Application
Packing
A4941GLPTR-T
Commerical/Industrial
4000 pieces per 13-in. reel
A4941GLPTR-A-T
Automotive
4000 pieces per 13-in. reel
Thermal Characteristics may require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
On 4-layer PCB based on JEDEC standard
34
ºC/W
On 2-layer PCB with 1 in.2 of copper area each side
52
ºC/W
*Additional thermal information available on the Allegro website
Recommended Operating Conditions
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VBB
5
16
V
Output Current
IOUT
Peak (startup and lock rotor)
1
A
Run current
<500
mA
OUTC
CP1
CP2
VCP
GND
SLEW
PWM
FG
OUTB
OUTA
SENSE
VBB
CTAP
GND
FC
TEST
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PAD


Similar Part No. - A4941

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4941GLPTR-T ALLEGRO-A4941GLPTR-T Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
A4941 ALLEGRO-A4941_16 Datasheet
225Kb / 9P
   Three-Phase Sensorless Fan Driver
More results

Similar Description - A4941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
   The L6230 DMOS driver for three-phase brushless DC motor
logo
Rohm
BM62350MUV ROHM-BM62350MUV Datasheet
1Mb / 31P
   Built-in Speed Control, 3 Hall Sensors Three-Phase Brushless Motor Pre-Driver
23.Jan.2019 Rev.001
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
logo
Rohm
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
   Three-Phase Full-Wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
   Three-phase Full-wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
   Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
   Three-Phase Full-Wave Fan Motor Driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
logo
Rohm
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
   Three-phase Full-wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com