Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4957 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4957
Description  The A4957 is a full-bridge controller for use with external N-channel power MOSFETs and is specifically designed for applications with high-power inductive loads such as brush DC motors.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4957 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4957 Datasheet HTML 6Page - Allegro MicroSystems A4957 Datasheet HTML 7Page - Allegro MicroSystems A4957 Datasheet HTML 8Page - Allegro MicroSystems A4957 Datasheet HTML 9Page - Allegro MicroSystems A4957 Datasheet HTML 10Page - Allegro MicroSystems A4957 Datasheet HTML 11Page - Allegro MicroSystems A4957 Datasheet HTML 12Page - Allegro MicroSystems A4957 Datasheet HTML 13Page - Allegro MicroSystems A4957 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Bootstrap Capacitor Selection
The bootstrap capacitors, CBOOTx, must be correctly selected
to ensure proper operation of the A4957. If the capacitances are
too high, time will be wasted charging the capacitor, resulting in
a limit on the maximum duty cycle and the PWM frequency. If
the capacitances are too low, there can be a large voltage drop at
the time the charge is transferred from CBOOTx to the MOSFET
gate, due to charge sharing.
To keep this voltage drop small, the charge in the bootstrap
capacitor, QBOOT, should be much larger than the charge required
by the gate of the MOSFET, QGATE. A factor of 20 is a reason-
able value, and the following formula can be used to calculate the
value for CBOOT:
CBOOT
QBOOT CBOOT VBOOT
VBOOT
=
=
QGATE 20
=
QGATE 20
where VBOOT is the voltage across the bootstrap capacitor.
The voltage drop across the bootstrap capacitor as the MOSFET
is being turned on,
ΔV, can be approximated by:
∆V ≈
QGATE
CBOOT
So for a factor of 20,
ΔV would be approximately 5% of VBOOT.
The maximum voltage across the bootstrap capacitor under
normal operating conditions is VREG(max). In most applications,
with a good ceramic capacitor the working voltage can be limited
to 16 V.
Bootstrap Charging
It is good practice to ensure the high side bootstrap capacitor is
completely charged before a high side PWM cycle is requested.
The time required to charge the capacitor, tCHARGE (μs), is
approximated by:
tCHARGE
100
CBOOT ∆V
where CBOOT is the value of the bootstrap capacitor, in nF, and
ΔV is the required voltage of the bootstrap capacitor.
At power-up and when the drives have been disabled for a long
time, the bootstrap capacitor can be completely discharged. In
this case
ΔV can be considered to be the full high-side drive
voltage, 12 V. Otherwise,
ΔV is the amount of voltage dropped
during the charge transfer, which should be 400 mV or less.
The capacitor is charged whenever the Sx pin is pulled low and
current flows from VREG through the internal bootstrap diode
circuit to CBOOT.
Bootstrap Charge Management
The A4957 provides automatic bootstrap capacitor charge
management. The bootstrap capacitor voltage for each phase
is continuously checked to ensure that it is above the bootstrap
under-voltage threshold, VBOOTUV. If the bootstrap capacitor
voltage drops below this threshold, when the corresponding
high-side is active, the A4957 will turn on the necessary low-side
MOSFET, and continue charging until the bootstrap capacitor
exceeds the undervoltage threshold plus the hysteresis, VBOOTUV
+ VBOOTUVHYS .
If the bootstrap capacitor voltage is below the threshold, when the
corresponding high-side is commanded to turn on, the A4957 will
not attempt to turn on the high-side MOSFET, but will turn on the
necessary low-side MOSFET to charge the bootstrap capacitor
until it exceeds the undervoltage threshold plus the hysteresis.
The minimum charge time is typically 7 μs, but may be longer
for very large values of bootstrap capacitor (>1000 nF). If the
bootstrap capacitor voltage does not reach the threshold within
approximately 200 μs, an undervoltage fault will be flagged.
VREG Capacitor Selection
The internal reference, VREG, supplies current for the low-side
gate drive circuits and the charging current for the bootstrap
capacitors. When a low-side MOSFET is turned on, the gate-
drive circuit will provide the high transient current to the gate that
is necessary to turn on the MOSFET quickly. This current, which
can be several hundred milliamperes, cannot be provided directly
by the limited output of the VREG regulator, and must be sup-
plied by an external capacitor connected to the VREG pin.
The turn-on current for the high-side MOSFET is similar in value
to that for the low-side MOSFET, but is mainly supplied by the
bootstrap capacitor. However the bootstrap capacitor must then
be recharged from the VREG regulator output. Unfortunately the
bootstrap recharge can occur a very short time after the low-side
turn-on occurs. This requires that the value of the capacitor con-
nected between VREG and AGND should be high enough to min-
imize the transient voltage drop on VREG for the combination of
a low-side MOSFET turn-on and a bootstrap capacitor recharge.
A value of 20 × CBOOT is a reasonable value. The maximum
working voltage will never exceed VREG, so the capacitor can be
rated as low as 15 V. This capacitor should be placed as close as
possible to the VREG pin.
Full Bridge MOSFET Driver
A4957
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A4957

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4957 ALLEGRO-A4957_16 Datasheet
314Kb / 16P
   Full Bridge MOSFET Driver
More results

Similar Description - A4957

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4933 ALLEGRO-A4933 Datasheet
455Kb / 25P
   The A4933 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
A4935 ALLEGRO-A4935_12 Datasheet
452Kb / 25P
   The A4935 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
A4960 ALLEGRO-A4960 Datasheet
599Kb / 34P
   The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
   The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
logo
International Rectifier
IRDC3065 IRF-IRDC3065 Datasheet
540Kb / 6P
   The IRU3065 controller is designed to provide solutions for the applications requiring low power on board switching regulators. The IRU3065 is specifically
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
   The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
E-Tech Electronics LTD
G2N7000 ETL-G2N7000 Datasheet
191Kb / 2P
   The G2N7000 is designed for high voltage, high speed applications such as switching regulators, converters solenoid and relay drivers.
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
   The LD1207 is specifically designed for LED DISPLAY drivers
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
International Rectifier
IRDC3651 IRF-IRDC3651 Datasheet
570Kb / 13P
   The IR3651 is a high voltage PWM controller designed for high performance synchronous Buck DC/DC applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com