Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4980KLPTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A4980KLPTR-T
Description  The A4980 is a flexible microstepping motor driver with built-in translator for easy operation.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4980KLPTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A4980KLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Automotive, Programmable Stepper Driver
A4980
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DMOS Full Bridge
DMOS Full Bridge
Gate
Drive
Charge
Pump
STEP
REF
6-bit
DAC
6-bit
DAC
Oscillator
+-
+-
SENSB
SENSA
VCP
VBBA
OAP
OAM
SENSA
VBBB
OBP
OBM
SENSB
DIR
RESETn
ENABLE
VDD
DIAG
REF
3.3V
VBAT
VBAT
SDI
SDO
SCK
STRn
DAC
REF
PWM
Control
Bridge
Control
Logic
PWM
Control
System
Control
and
Registers
Undervoltage, Overvoltage
Cold Warning, Hot Warning, Overtemperature
Short Detect, Open Load Detect
Stall Detect
D
N
G
P
D
N
G
A
Regulator
OSC
VREG
PAD
CP2
CP1
MS1
MS0
Functional Block Diagram


Similar Part No. - A4980KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982SET-T ALLEGRO-A4982SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4982SETTR-T ALLEGRO-A4982SETTR-T Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4982SLP-T ALLEGRO-A4982SLP-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4980KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4979 ALLEGRO-A4979 Datasheet
987Kb / 44P
   The A4979 is a flexible microstepping motor driver with built-in translator for easy operation.
A3983 ALLEGRO-A3983_10 Datasheet
353Kb / 12P
   The A3983 is a complete microstepping motor driver with built-in translator for easy operation.
A3984 ALLEGRO-A3984_08 Datasheet
361Kb / 12P
   The A3984 is a complete microstepping motor driver with built-in translator for easy operation.
logo
Jiaxing Heroic Technolo...
HR3967 HEROIC-HR3967 Datasheet
162Kb / 2P
   Microstepping motor driver chip with built-in converter
logo
Allegro MicroSystems
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
   MICROSTEPPING DRIVER WITH TRANSLATOR
A3967SLBTR-T ALLEGRO-A3967SLBTR-T Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3967 ALLEGRO-A3967 Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com