Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5366 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A5366
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A5366 Datasheet HTML 1Page - Allegro MicroSystems A5366 Datasheet HTML 2Page - Allegro MicroSystems A5366 Datasheet HTML 3Page - Allegro MicroSystems A5366 Datasheet HTML 4Page - Allegro MicroSystems A5366 Datasheet HTML 5Page - Allegro MicroSystems A5366 Datasheet HTML 6Page - Allegro MicroSystems A5366 Datasheet HTML 7Page - Allegro MicroSystems A5366 Datasheet HTML 8Page - Allegro MicroSystems A5366 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The A5366 is a low-current BiCMOS circuit providing all of
the required features for a photoelectric type smoke detector.
This device can be used with an infrared photoelectric chamber
to sense scattered light from smoke particles. A networking
capability allows as many as 50 units to be interconnected so that
if any unit senses smoke all units will sound an alarm. Special
features are incorporated in the design to facilitate calibration
and testing of the finished detector. The device is recognized by
Underwriters Laboratories for use in smoke alarms that comply
with Standard UL217, or UL268, per file #S2113.
A variable-gain photoamplifier can be directly interfaced to
an infrared emitter-detector pair. The amplifier gain levels are
determinedbytwoexternalcapacitorsandareinternallyselected
depending on the operating mode. Low gain is selected during
standby and timer modes. During a local alarm, this low gain
is increased (internally) by approximately 10% to reduce false
triggering. High gain is used during pushbutton test and to
periodically monitor the chamber sensitivity during standby.
The internal oscillator and timing circuitry keep standby power
to a minimum by sensing for smoke for only 100 μs every 10 s.
Aspecial three-stage–speedup sensing scheme is incorporated
to minimize the time to an audible alarm and also to reduce
false triggering. Chamber sensitivity is periodically monitored
and two consecutive cycles of degraded sensitivity are required
for a warning signal (chirp) to occur.
The A5366 is supplied in a 16-pin dual in-line plastic package
(suffix A), and for surface mount, a 16-pin SOICW (suffix
LW). The lead (Pb) free versions (suffix –T) have 100% matte-
tin leadframe plating. The devices are rated for continuous
operation over the temperature range of –25°C to 75°C.
26110.11-DS, Rev. G
Features and Benefits
▪ Low average standby current for long battery life
▪ Interconnect up to 50 detectors
▪ Piezoelectric horn driver
▪ Low battery detection (all internal)
▪ Chamber sensitivity test and alarm
▪ Power-on reset (POR)
▪ Internal timer and control for reduced sensitivity mode
▪ Built-in circuits to reduce false triggering
▪ 6 to 12 V operating range
▪ ESD protection circuitry on all pins
▪ Temporal Horn Pattern, per UL217, NFPA72, and ISO8201
▪ UL Recognized for UL217 or UL268 applications
Photoelectric Smoke Detector
with Interconnect and Timer
Packages:
Not to scale
A5366
16-pin DIP
(Package A)
16-pin SOICW
(Package LW)
Typical Application Diagram
C1
C2
DETECT
STROBE
VDD
IRED
HORN1
HORN2
I/O
FEEDBACK
LED
OSC CAP
TIMING RES
VSS
HUSH
TEST
A5366
To / from
other units
220 Ω
Rx2
Rx1
100 μF
1 kΩ
4.7 kΩ
5 kΩ
4700 pF
0.047 μF
560 Ω
200 kΩ
220 kΩ
1.5 MΩ
1000 pF
100 kΩ
10 MΩ
330 Ω
1500 pF
Red LED
Push-to-Test
9 V
22 μF
Connect HUSH to VSS
to disable timer mode
Value of component can vary,
based on the piezoelectric horn used
Connect to allow timer mode
("hush") operation
Piezo Horn
8.2 kΩ
VDD
22 Ω
Smoke
Chamber
B
C
C
C
C
B
A
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - A5366

ManufacturerPart #DatasheetDescription
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366CA SENSITRON-A5366CA Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5366CLWTR-T SENSITRON-A5366CLWTR-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5366

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5358 ALLEGRO-A5358 Datasheet
326Kb / 13P
   The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
   Low Voltage Photoelectric Smoke Detector ASIC
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com