Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3903 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3903
Description  Low Voltage DC Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3903 Datasheet(HTML) 7 Page - Allegro MicroSystems

  A3903 Datasheet HTML 1Page - Allegro MicroSystems A3903 Datasheet HTML 2Page - Allegro MicroSystems A3903 Datasheet HTML 3Page - Allegro MicroSystems A3903 Datasheet HTML 4Page - Allegro MicroSystems A3903 Datasheet HTML 5Page - Allegro MicroSystems A3903 Datasheet HTML 6Page - Allegro MicroSystems A3903 Datasheet HTML 7Page - Allegro MicroSystems A3903 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Low Voltage DC Motor Driver
A3903
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
during PWM operation and ensure that the supply
voltage remains stable at the input terminal. Bulk
capacitance is often located at a non-ideal distance
from the device. If the recommended capacitance of
10 μF cannot be located very close to the supply ter-
minal on the A3903, it is recommended that a 0.1 μF
capacitor be placed as close to the VDD terminal as
possible to provide a path for transient currents.
PWM Operation
In some applications current control may be desired.
Pulse width modulating the inputs will allow the
output current to be regulated. When external PWM
control is used, the VREF pin should be connected
directly to the VSET pin. This effectively disables
voltage control on the source driver, and allows
maximum current to flow through the driver. Current
is then controlled using enable chopping, described
below.
Enable Chopping
By PWMing the logic inputs
between enable and brake modes, the current in the
motor winding can be controlled. It is accomplished
by holding one input high while PWMing the other
input. During the on-cycle, current flows in the bridge
consistent with the direction programmed on the input
pins. During the off-cycle, the A3903 enters brake
mode. Enable chopping is illustrated in figure 1.
Current in the motor winding is controlled by chang-
ing the duty cycle on the PWM input. As shown
in figure 2, the average current is still positive but,
because the duty cycle is less, the average current is
much lower.
Figure 1. Enable chopping. Forward direction, output duty cycle 90%.
Figure 2. Enable chopping. Forward direction, output duty cycle 20%.
Symbol
Parameter
Units/Division
C1
VIN1
2 V
C2
VIN2
2 V
C3
IOUT
100 mA
t
time
20 μs
t
C3
VIN1
C1
C2
VIN2
IOUT
Symbol
Parameter
Units/Division
C1
VIN1
2 V
C2
VIN2
2 V
C3
IOUT
100 mA
t
time
20 μs
t
C1
C2
VIN1
C3
VIN2
IOUT


Similar Part No. - A3903

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3903 ALLEGRO-A3903_16 Datasheet
224Kb / 8P
   Low Voltage DC Motor Driver
More results

Similar Description - A3903

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3918 ALLEGRO-A3918 Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3918SESTR-T ALLEGRO-A3918SESTR-T Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3908 ALLEGRO-A3908_16 Datasheet
247Kb / 8P
   Low Voltage DC Motor Driver
A3918 ALLEGRO-A3918_16 Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3908 ALLEGRO-A3908 Datasheet
235Kb / 8P
   Low Voltage DC Motor Driver
A3903 ALLEGRO-A3903_16 Datasheet
224Kb / 8P
   Low Voltage DC Motor Driver
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
STSPIN240 STMICROELECTRONICS-STSPIN240 Datasheet
654Kb / 26P
   Low voltage dual brush DC motor driver
November 2016 Rev 3
logo
Fairchild Semiconductor
FAN8100N FAIRCHILD-FAN8100N Datasheet
268Kb / 14P
   Low Voltage/Low Saturation 2-CH DC Motor Driver
logo
Allegro MicroSystems
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
   Low-Voltage Full-Bridge Brushless DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com