Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6210 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6210
Description  The A6210 is a buck regulator that uses valley current-mode control.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6210 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6210_11 Datasheet HTML 4Page - Allegro MicroSystems A6210_11 Datasheet HTML 5Page - Allegro MicroSystems A6210_11 Datasheet HTML 6Page - Allegro MicroSystems A6210_11 Datasheet HTML 7Page - Allegro MicroSystems A6210_11 Datasheet HTML 8Page - Allegro MicroSystems A6210_11 Datasheet HTML 9Page - Allegro MicroSystems A6210_11 Datasheet HTML 10Page - Allegro MicroSystems A6210_11 Datasheet HTML 11Page - Allegro MicroSystems A6210_11 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3 A, 2 MHz Buck-Regulating LED Driver
A6210
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TON
DIS
PWM or Switch
GND
NC
L
D1
1
47 μH
LX
VIN
ISEN
SGND
A 6210
22 nF
R1
910 kΩ
C1
1.0 μF
150 mΩ
R2
C2
BOOT
V
IN
42 V
R3
910 kΩ
LED
Assembly
Average LED current = 1.34 A
Peak to peak current = 200 mA
LED Assembly voltage = 24 V
Switching frequency = 1.0 MHz
Efficiency = 90.5%
Other Application Circuits
Application Circuit 1
Suggested Parts
Name
Description
Manufacturer - Part Number
C1
1 μF, 25V, X5R or X7R ceramic, 1210
Taiyo Yuden, TDK
C2
22 nF, 50V, X5R or X7R ceramic, 0805
D1
3 A, 60 V, Schottky diode
L1
47 μH, 1.4 A inductor
Taiyo Yuden - NR 8040T 470M
R1, R3
910 kΩ, 1%, 0603
R2
150 mΩ, 1%, 1206
Plot 1. Average current = 1.34 A
Plot 2. Peak to peak current = 200 mA
Plot 3. PWM frequency = 10 kHz, maximum duty cycle
Plot 4. PWM frequency = 10 kHz, minimum duty cycle
Plot 5. Plot 4 with expanded time scale
Plot 6. PWM frequency = 10 kHz, turn off
Channel 1 – Current through inductor and LED Assembly, Channel 2 – Main switching voltage (LX node)


Similar Part No. - A6210_11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6210_11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4403_V ALLEGRO-A4403_V Datasheet
342Kb / 15P
   Valley Current Mode Control Buck Converter
A4403 ALLEGRO-A4403 Datasheet
342Kb / 15P
   Valley Current Mode Control Buck Converter
logo
List of Unclassifed Man...
FT822 ETC2-FT822 Datasheet
276Kb / 6P
   The FT822 is a current-mode control PFC LED driver IC.
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
TOKYO SEIMITSU CO., LTD
E-DT-AHA-E ACCRETECH-E-DT-AHA-E Datasheet
162Kb / 1P
   An A-E converter is a unit that uses bellows and a differential transformer to convert the minute
logo
Allegro MicroSystems
A4407 ALLEGRO-A4407 Datasheet
1Mb / 29P
   The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
   VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com