Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3941 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3941
Description  Automotive Full Bridge MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3941 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3941 Datasheet HTML 5Page - Allegro MicroSystems A3941 Datasheet HTML 6Page - Allegro MicroSystems A3941 Datasheet HTML 7Page - Allegro MicroSystems A3941 Datasheet HTML 8Page - Allegro MicroSystems A3941 Datasheet HTML 9Page - Allegro MicroSystems A3941 Datasheet HTML 10Page - Allegro MicroSystems A3941 Datasheet HTML 11Page - Allegro MicroSystems A3941 Datasheet HTML 12Page - Allegro MicroSystems A3941 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Automotive Full Bridge MOSFET Driver
A3941
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 1. Phase Control Truth Table
Inputs
Outputs
Bridge
Mode of Operation
PWMH
PWML
PHASE
SR
GHA GLA GHB GLB
SA
SB
1
1
1
X
H
L
L
H
HS
LS
Bridge driven with A high and B low
1
1
0
X
L
H
H
L
LS
HS
Bridge driven with B high and A low
0
1
X
1
L
H
L
H
LS
LS
Slow decay, both low-side on or low-side brake
1
0
X
1
H
L
H
L
HS
HS
Slow decay, both high-side on or high-side brake
0
1
1
0
L
L
L
H
Z
LS
Slow decay, current flow A to B, low-side diode rectification
0
1
0
0
L
H
L
L
LS
Z
Slow decay, current flow B to A, low-side diode rectification
1
0
1
0
H
L
L
L
HS
Z
Slow decay, current flow A to B, high-side diode rectification
1
0
0
0
L
L
H
L
Z
HS
Slow decay, current flow B to A, high-side diode rectification
0
0
X
X
LLLL
Z
Z
Fast decay, diode rectification/coast
X = don’t care (same for input 1 or input 0), HS = high-side FET active, LS = low-side FET active, Z = high impedance, both FETs off
Table 2. PWM Options
Inputsa
PWM Effectb
Decay
Mode of Operation
SR
PWMH
PWML
PHASE
100%
0%
X
1
1
PWM
A to B
B to A
Fast
Full four-quadrant control, zero average load current at 50% PWM
0
PWM
PWM
1
A to B
Coast
Fast
Fast decay, diode recirculation or coast
0
B to A
1
PWM
1
1
A to B
Brake
Slow
High-side PWM, low-side MOSFET recirculation
0
B to A
1
1
PWM
1
A to B
Brake
Slow
Low-side PWM, high-side MOSFET recirculation
0
B to A
0
PWM
1
1
A to B
Brakec
Slow
High-side PWM, low-side diode recirculation
0
B to A
0
1
PWM
1
A to B
Brakec
Slow
Low-side PWM, high-side diode recirculation
0
B to A
X
0
0
X
Coast
Coast
Fast
Coast, all MOSFETs off
aX indicates don’t care condition. The action is the same for input 1 or input 0.
bPWM Effect indicates the effect on the load current direction or the equivalent action.
cWith SR disabled, braking is only effective in one direction when sufficient forward voltage is available to allow the diode to conduct.


Similar Part No. - A3941

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A3941KLP-T ALLEGRO-A3941KLP-T Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A3941KLPTR-T ALLEGRO-A3941KLPTR-T Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
More results

Similar Description - A3941

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4940 ALLEGRO-A4940_16 Datasheet
402Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A5929 ALLEGRO-A5929 Datasheet
536Kb / 17P
   Automotive Full-Bridge MOSFET Driver
A3921 ALLEGRO-A3921_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3924 ALLEGRO-A3924 Datasheet
645Kb / 55P
   Automotive, Full-Bridge MOSFET Driver
A4940 ALLEGRO-A4940 Datasheet
404Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3922 ALLEGRO-A3922 Datasheet
615Kb / 53P
   Automotive, Full-Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com