Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5323 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5323
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5323 Datasheet(HTML) 1 Page - Analog Devices

  AD5323 Datasheet HTML 1Page - Analog Devices AD5323 Datasheet HTML 2Page - Analog Devices AD5323 Datasheet HTML 3Page - Analog Devices AD5323 Datasheet HTML 4Page - Analog Devices AD5323 Datasheet HTML 5Page - Analog Devices AD5323 Datasheet HTML 6Page - Analog Devices AD5323 Datasheet HTML 7Page - Analog Devices AD5323 Datasheet HTML 8Page - Analog Devices AD5323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD5303/AD5313/AD5323*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
+2.5 V to +5.5 V, 230 A, Dual Rail-to-Rail
Voltage Output 8-/10-/12-Bit DACs
FUNCTIONAL BLOCK DIAGRAM
BUFFER
POWER-DOWN
LOGIC
RESISTOR
NETWORK
STRING
DAC
AD5303/AD5313/AD5323
VOUTA
VOUTB
VDD
VREFA
VREFB
DAC
REGISTER
DAC
REGISTER
>
SYNC
SCLK
DIN
GND
BUF A
SDO
CLR
BUF B
STRING
DAC
DCEN
LDAC
POWER-ON
RESET
PD
BUFFER
GAIN-SELECT
LOGIC
RESISTOR
NETWORK
INPUT
REGISTER
INPUT
REGISTER
INTERFACE
LOGIC
FEATURES
AD5303: Two Buffered 8-Bit DACs in One Package
AD5313: Two Buffered 10-Bit DACs in One Package
AD5323: Two Buffered 12-Bit DACs in One Package
16-Lead TSSOP Package
Micropower Operation: 300
A @ 5 V (Including
Reference Current)
Power-Down to 200 nA @ 5 V, 50 nA @ 3 V
+2.5 V to +5.5 V Power Supply
Double-Buffered Input Logic
Guaranteed Monotonic By Design Over All Codes
Buffered/Unbuffered Reference Input Options
Output Range: 0–VREF or 0–2 VREF
Power-On-Reset to Zero Volts
SDO Daisy-Chaining Option
Simultaneous Update of DAC Outputs via LDAC Pin
Asynchronous CLR Facility
Low Power Serial Interface with Schmitt-Triggered
Inputs
On-Chip Rail-to-Rail Output Buffer Amplifiers
APPLICATIONS
Portable Battery Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
GENERAL DESCRIPTION
The AD5303/AD5313/AD5323 are dual 8-, 10- and 12-bit
buffered voltage output DACs in a 16-lead TSSOP package that
operate from a single +2.5 V to +5.5 V supply consuming 230
µA
at 3 V. Their on-chip output amplifiers allow the outputs to
swing rail-to-rail with a slew rate of 0.7 V/
µs. The AD5303/
AD5313/AD5323 utilize a versatile 3-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI™, QSPI, MICROWIRE™ and DSP interface
standards.
The references for the two DACs are derived from two reference
pins (one per DAC). These reference inputs may be configured
as buffered or unbuffered inputs. The parts incorporate a power-
on-reset circuit that ensures that the DAC outputs power-up to
0 V and remain there until a valid write to the device takes place.
There is also an asynchronous active low CLR pin that clears
both DACs to 0 V. The outputs of both DACs may be updated
simultaneously using the asynchronous LDAC input. The
parts contain a power-down feature that reduces the current
consumption of the devices to 200 nA at 5 V (50 nA at 3 V) and
provides software-selectable output loads while in power-down
mode. The parts may also be used in daisy-chaining applications
using the SDO pin.
The low power consumption of these parts in normal operation
make them ideally suited to portable battery operated equip-
ment. The power consumption is 1.5 mW at 5 V, 0.7 mW at
3 V, reducing to 1
µW in power-down mode.
*Protected by U.S. Patent No. 5684481; other patents pending.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - AD5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5323 AD-AD5323 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5323 AD-AD5323 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5323 AD-AD5323 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5323 AD-AD5323 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5323 AD-AD5323 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322 AD-AD5322_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5303 AD-AD5303_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313ARUZ AD-AD5313ARUZ Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com